Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSYA254R Datasheet(PDF) 4 Page - Intersil Corporation

Part # FSYA254R
Description  Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSYA254R Datasheet(HTML) 4 Page - Intersil Corporation

  FSYA254R Datasheet HTML 1Page - Intersil Corporation FSYA254R Datasheet HTML 2Page - Intersil Corporation FSYA254R Datasheet HTML 3Page - Intersil Corporation FSYA254R Datasheet HTML 4Page - Intersil Corporation FSYA254R Datasheet HTML 5Page - Intersil Corporation FSYA254R Datasheet HTML 6Page - Intersil Corporation FSYA254R Datasheet HTML 7Page - Intersil Corporation FSYA254R Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4-4
FIGURE 3. MAXIMUM CONTINUOUS DRAIN CURRENT vs
TEMPERATURE
FIGURE 4. FORWARD BIAS SAFE OPERATING CURVE
FIGURE 5. BASIC GATE CHARGE WAVEFORM
FIGURE 6. NORMALIZED rDS(ON) vs JUNCTION TEMPERATURE
FIGURE 7. NORMALIZED MAXIMUM TRANSIENT THERMAL RESPONSE
Typical Performance Curves Unless Otherwise Specified (Continued)
TC, CASE TEMPERATURE (
oC)
150
100
50
0
-50
0
20
10
26
10
1
VDS, DRAIN TO SOURCE VOLTAGE (V)
1
10
100
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
10ms
1
µs
100ms
100
TC = 25
oC
1000
CHARGE
QGD
QG
VG
QGS
12V
2.5
2.0
1.5
1.0
0.5
0.0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 250
µs, VGS = 12V, ID = 14A
1
10-5
10-4
10-3
10-2
10-1
100
101
0.001
0.01
0.1
10
t, RECTANGULAR PULSE DURATION (s)
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC + TC
SINGLE PULSE
0.05
0.5
0.02
0.1
0.01
0.2
FSYA254D, FSYA254R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com