Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSYA9150D Datasheet(PDF) 1 Page - Intersil Corporation

Part # FSYA9150D
Description  Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSYA9150D Datasheet(HTML) 1 Page - Intersil Corporation

  FSYA9150D Datasheet HTML 1Page - Intersil Corporation FSYA9150D Datasheet HTML 2Page - Intersil Corporation FSYA9150D Datasheet HTML 3Page - Intersil Corporation FSYA9150D Datasheet HTML 4Page - Intersil Corporation FSYA9150D Datasheet HTML 5Page - Intersil Corporation FSYA9150D Datasheet HTML 6Page - Intersil Corporation FSYA9150D Datasheet HTML 7Page - Intersil Corporation FSYA9150D Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
FSYA9150D, FSYA9150R
Radiation Hardened, SEGR Resistant
P-Channel Power MOSFETs
The Discrete Products Operation of Intersil has developed a
series of Radiation Hardened MOSFETs specifically
designed for commercial and military space applications.
Enhanced Power MOSFET immunity to Single Event Effects
(SEE), Single Event Gate Rupture (SEGR) in particular, is
combined with 100K RADS of total dose hardness to provide
devices which are ideally suited to harsh space
environments. The dose rate and neutron tolerance
necessary for military applications have not been sacrificed.
The Intersil portfolio of SEGR resistant radiation hardened
MOSFETs includes N-Channel and P-Channel devices in a
variety of voltage, current and on-resistance ratings.
Numerous packaging options are also available.
This MOSFET is an enhancement-mode silicon-gate power
field-effect transistor of the vertical DMOS (VDMOS)
structure. It is specially designed and processed to be
radiation tolerant. The MOSFET is well suited for
applications exposed to radiation environments such as
switching regulation, switching converters, motor drives,
relay drivers and drivers for high-power bipolar switching
transistors requiring high speed and low gate drive power.
This type can be operated directly from integrated circuits.
Reliability screening is available as either commercial, TXV
equivalent of MIL-S-19500, or Space equivalent of
MIL-S-19500. Contact Intersil for any desired deviations
from the data sheet.
Formerly available as type TA17756.
Features
• 24A, -100V, rDS(ON) = 0.140Ω
• Total Dose
- Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
- Safe Operating Area Curve for Single Event Effects
- SEE Immunity for LET of 36MeV/mg/cm2 with
VDS up to 80% of Rated Breakdown and
VGS of 10V Off-Bias
• Dose Rate
- Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
- Typically Survives 2E12 if Current Limited to IDM
• Photo Current
- 7.0nA Per-RAD(Si)/s Typically
• Neutron
- Maintain Pre-RAD Specifications
for 3E13 Neutrons/cm2
- Usable to 3E14 Neutrons/cm2
Symbol
Package
SMD-1
Ordering Information
RAD LEVEL
SCREENING LEVEL
PART NUMBER/BRAND
10K
Commercial
FSYA9150D1
10K
TXV
FSYA9150D3
100K
Commercial
FSYA9150R1
100K
TXV
FSYA9150R3
100K
Space
FSYA9150R4
G
D
S
Data Sheet
October 1998
File Number
4582
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - FSYA9150D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSYA150D INTERSIL-FSYA150D Datasheet
57Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
January 1999
FSYA150D1 INTERSIL-FSYA150D1 Datasheet
57Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
January 1999
FSYA150D3 INTERSIL-FSYA150D3 Datasheet
57Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
January 1999
FSYA150R INTERSIL-FSYA150R Datasheet
57Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
January 1999
FSYA150R1 INTERSIL-FSYA150R1 Datasheet
57Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
January 1999
More results

Similar Description - FSYA9150D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSJ163D INTERSIL-FSJ163D Datasheet
56Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSL214D INTERSIL-FSL214D Datasheet
57Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
October 1998
FSTJ9055D INTERSIL-FSTJ9055D Datasheet
72Kb / 8P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
FSTYC9055D INTERSIL-FSTYC9055D Datasheet
74Kb / 8P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
FSYC055D INTERSIL-FSYC055D Datasheet
49Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
July 1998
FSYC9055D INTERSIL-FSYC9055D Datasheet
51Kb / 8P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
July 1999
FSYC9160D INTERSIL-FSYC9160D Datasheet
61Kb / 8P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
July 1998
FSYE430D INTERSIL-FSYE430D Datasheet
58Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSYE913A0D INTERSIL-FSYE913A0D Datasheet
73Kb / 9P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
February 2000
FSYE923A0D INTERSIL-FSYE923A0D Datasheet
70Kb / 8P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com