Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSYA9150R3 Datasheet(PDF) 3 Page - Intersil Corporation

Part # FSYA9150R3
Description  Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSYA9150R3 Datasheet(HTML) 3 Page - Intersil Corporation

  FSYA9150R3 Datasheet HTML 1Page - Intersil Corporation FSYA9150R3 Datasheet HTML 2Page - Intersil Corporation FSYA9150R3 Datasheet HTML 3Page - Intersil Corporation FSYA9150R3 Datasheet HTML 4Page - Intersil Corporation FSYA9150R3 Datasheet HTML 5Page - Intersil Corporation FSYA9150R3 Datasheet HTML 6Page - Intersil Corporation FSYA9150R3 Datasheet HTML 7Page - Intersil Corporation FSYA9150R3 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Forward Voltage
VSD
ISD = 24A
-0.6
-
-1.8
V
Reverse Recovery Time
trr
ISD = 24A, dISD/dt = 100A/µs
-
-
210
ns
Electrical Specifications up to 100K RAD TC = 25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Drain to Source Breakdown Volts
(Note 3)
BVDSS
VGS = 0, ID = 1mA
-100
-
V
Gate to Source Threshold Volts
(Note 3)
VGS(TH)
VGS = VDS, ID = 1mA
-2.0
-6.0
V
Gate to Body Leakage
(Notes 2, 3)
IGSS
VGS = ±20V, VDS = 0V
-
100
nA
Zero Gate Leakage
(Note 3)
IDSS
VGS = 0, VDS = -80V
-
25
µA
Drain to Source On-State Volts
(Notes 1, 3)
VDS(ON)
VGS = -12V, ID = 24A
-
3.53
V
Drain to Source On Resistance
(Notes 1, 3)
rDS(ON)12
VGS = -12V, ID = 15A
-
0.140
Ω
NOTES:
1. Pulse test, 300
µs Max.
2. Absolute value.
3. Insitu Gamma bias must be sampled for both VGS = -12V, VDS = 0V and VGS = 0V, VDS = 80% BVDSS.
Single Event Effects (SEB, SEGR) Note 4
TEST
SYMBOL
ENVIRONMENT (NOTE 5)
APPLIED
VGS BIAS
(V)
(NOTE 6)
MAXIMUM
VDS BIAS
(V)
ION
SPECIES
TYPICAL LET
(MeV/mg/cm)
TYPICAL
RANGE (
µ)
Single Event Effects Safe Operating Area
SEESOA
Ni
26
43
20
-100
Br
37
36
10
-100
Br
37
36
15
-80
Br
37
36
20
-50
NOTES:
4. Testing conducted at Brookhaven National Labs; sponsored by Naval Surface Warfare Center (NSWC), Crane, IN.
5. Fluence = 1E5 ions/cm2 (typical), T = 25oC.
6. Does not exhibit Single Event Burnout (SEB) or Single Event Gate Rupture (SEGR).
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. SINGLE EVENT EFFECTS SAFE OPERATING AREA
FIGURE 2. DRAIN INDUCTANCE REQUIRED TO LIMIT
GAMMA DOT CURRENT TO IAS
-120
-100
-80
-60
-40
-20
0
010
15
20
25
5
LET = 37MeV/mg/cm2, RANGE = 36
µ
FLUENCE = 1E5 IONS/cm2 (TYPICAL)
TEMP = 25oC
LET = 26MeV/mg/cm2, RANGE = 43
µ
VGS (V)
-300
-100
-10
DRAIN SUPPLY (V)
-1000
ILM = 10A
300A
1E-4
1E-5
1E-6
-30
100A
30A
1E-3
1E-7
FSYA9150D, FSYA9150R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com