Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD874A-R-HF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD874A-R-HF
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD874A-R-HF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD874A-R-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD874A-R-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
■
Typical Characterisitics
10
1
10
100
1000
0.1
1
10
100
1000
300
600
900
1200
0
25
50
75
100
125
150
0
100
200
300
400
500
600
0.1
1
10
100
1000
10
100
1000
1
10
100
1000
10
100
1000
300
600
900
1200
0.1
1
10
100
1000
0
2
4
6
8
10
12
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
1
1
0
0.1
1
10
100
1000
13
0.4
2.38
70
f
T
—— I
C
COMMON EMITTER
V
CE= 10V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
T
a=100
℃
T
a=25
℃
P
C
—— T
a
AMBIENT TEMPERATURE T
a
( )
℃
T
a=100
℃
T
a=25
℃
β=10
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
I
C
h
FE
——
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= 10V
BASE-EMMITER VOLTAGE V
BE (mV)
I
C
—— V
BE
COMMON EMITTER
V
CE=10V
Static Characteristic
COMMON
EMITTER
T
a=25
℃
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
5.0mA
4.5mA
4.0mA
3.5mA
3.0mA
2.5mA
1.0mA
1.5mA
2.0mA
I
B=0.5mA
0.3
C
ob
C
ib
f=1MHz
I
E=0/IC=0
T
a=25
℃
30
REVERSE VOLTAGE V (V)
C
ob/Cib
—— V
CB/VEB
NPN Transistors
2SD874A-HF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com