Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSYC360D Datasheet(PDF) 4 Page - Intersil Corporation

Part # FSYC360D
Description  Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSYC360D Datasheet(HTML) 4 Page - Intersil Corporation

  FSYC360D Datasheet HTML 1Page - Intersil Corporation FSYC360D Datasheet HTML 2Page - Intersil Corporation FSYC360D Datasheet HTML 3Page - Intersil Corporation FSYC360D Datasheet HTML 4Page - Intersil Corporation FSYC360D Datasheet HTML 5Page - Intersil Corporation FSYC360D Datasheet HTML 6Page - Intersil Corporation FSYC360D Datasheet HTML 7Page - Intersil Corporation FSYC360D Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Performance Curves Unless Otherwise Specified
FIGURE 1. SINGLE EVENT EFFECTS SAFE OPERATING AREA
FIGURE 2. TYPICAL DRAIN INDUCTANCE REQUIRED TO
LIMIT GAMMA DOT CURRENT TO IAS
FIGURE 3. MAXIMUM CONTINUOUS DRAIN CURRENT vs
TEMPERATURE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. BASIC GATE CHARGE WAVEFORM
FIGURE 6. TYPICAL NORMALIZED rDS(ON) vs JUNCTION
TEMPERATURE
0
0
-10
-15
-20
-25
-5
VGS (V)
LET = 37MeV/mg/cm2, RANGE = 36
µ
300
200
100
LET = 26MeV/mg/cm2, RANGE = 43
µ
400
500
FLUENCE = 1E5 IONS/cm2 (TYPICAL)
TEMP = 25oC
300
100
10
DRAIN SUPPLY (V)
1000
ILM = 10A
300A
1E-4
1E-5
1E-6
30
100A
30A
1E-7
1E-3
TC, CASE TEMPERATURE (
oC)
150
100
50
0
-50
0
20
10
26
10
1
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
1
10
100
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
10ms
1ms
100
µs
100
1000
TC = 25
oC
0.1
CHARGE
QGD
QG
VG
QGS
12V
2.0
1.5
1.0
0.5
0.0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
2.5
PULSE DURATION = 250
µs, VGS = 12V, ID = 13A
FSYC360D, FSYC360R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com