Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1622-R Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1622-R
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1622-R Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1622-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1622-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1622-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
NPN Transistors
2SD1622
■
Typical Characterisitics
fT -- IC
Collector Current, IC -- mA
3
2
3
2
5
5
5
10
7
7
100
100
10
2
5
7
5
3
2
3
2SD1622
VCE=10V
For PNP, minus sign is omitted
VCE(sat) -- IC
Collector Current, IC -- mA
2
5
7
7
3
2
5
3
100
10
1000
2
3
5 7
7
7
5
10
2
3
5
100
2
1000
2SD1622
IC / IB=10
Ta=75
°
C
25
°
C
--25
°
C
VBE(sat) -- IC
Collector Current, IC -- mA
2
5
7
7
3
2
5
3
1.0
10
2
3
5 7
7
7
5
10
2
3
5
100
2
1000
2SD1622
IC / IB=10
75°C
25°C
Ta= --25°C
A S O
Collector-to-Emitter Voltage, VCE -- V
0.1
0.01
5
7
7
1.0
5
3
3
2
2
3
2
0
1
0
.
1
2
5 7
3
100
2
5 7
3
5 7
10ms
100ms
DC
operation
2SD1622
ICP=2A
IC=1A
For PNP, minus sign is omitted
Ta=25°C Single pulse
Mounted on a ceramic board (250mm2 0.8mm)
PC -- Ta
Ambient Temperature, Ta -- °C
0
1.4
1.2
0.8
1.0
0.6
0.4
1.3
0.5
0.2
0
20
40
60
100
120
160
140
80
Mounted
on
a ceramic
board
(250mm
2
0.8mm)
No heat
sink
2SD1622



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com