Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1624-R Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1624-R
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1624-R Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1624-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1624-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1624-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SD1624
■
Typical Characterisitics
Switching Time Test Circuit
VR
RB
25V
--5V
+
+
50
INPUT
OUTPUT
25
100 F
470 F
PW=20 s
10IB1= --10IB2=IC=1A
(For PNP, the polarity is reversed.)
IB1
D.C. 1%
IB2
5.0
3.0
2.0
1.0
4.0
4.5
2.5
1.5
0.5
3.5
0
0
.
2
8
.
0
4
.
0
0
1.6
1.2
IC -- VCE
IB=0
2SD1624
5mA
10mA
20mA
80mA
60mA
40mA
100mA
2.0
1.2
0.8
0.4
1.6
1.8
1.0
0.6
0.2
1.4
0
0
2
8
4
0
16
12
8
1
6
2
14
10
IC -- VCE
IB=0
2SD1624
2mA
1mA
3mA
4mA
6mA
5mA
8mA
7mA
Collector-to-Emitter Voltage, VCE – V
Collector-to-Emitter Voltage, VCE – V
0
0.2
0.4
0.6
0.8
1.2
1.0
3.2
2.8
2.4
1.6
2.0
1.2
0.8
0.4
0
IC -- VBE
2SD1624
VCE=2V
hFE -- IC
2
3
5
7
1000
2
3
5
7
100
2
3
5
0.01
5
5
3
2
0.1
2
3
7
7
7
1.0
2SD1624
VCE=2V
Ta=75 C
25 C
--25 C
Base-to-Emitter Voltage, VBE – V
Collector Current, IC – A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com