Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSYC360R3 Datasheet(PDF) 1 Page - Intersil Corporation

Part # FSYC360R3
Description  Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSYC360R3 Datasheet(HTML) 1 Page - Intersil Corporation

  FSYC360R3 Datasheet HTML 1Page - Intersil Corporation FSYC360R3 Datasheet HTML 2Page - Intersil Corporation FSYC360R3 Datasheet HTML 3Page - Intersil Corporation FSYC360R3 Datasheet HTML 4Page - Intersil Corporation FSYC360R3 Datasheet HTML 5Page - Intersil Corporation FSYC360R3 Datasheet HTML 6Page - Intersil Corporation FSYC360R3 Datasheet HTML 7Page - Intersil Corporation FSYC360R3 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
FSYC360D, FSYC360R
Radiation Hardened, SEGR Resistant
N-Channel Power MOSFETs
The Discrete Products Operation of Intersil Corporation has
developed a series of Radiation Hardened MOSFETs
specifically designed for commercial and military space
applications. Enhanced Power MOSFET immunity to Single
Event Effects (SEE), Single Event Gate Rupture (SEGR) in
particular, is combined with 100K RADS of total dose
hardness to provide devices which are ideally suited to harsh
space environments. The dose rate and neutron tolerance
necessary for military applications have not been sacrificed.
The Intersil portfolio of SEGR resistant radiation hardened
MOSFETs includes N-Channel and P-Channel devices in a
variety of voltage, current and on-resistance ratings.
Numerous packaging options are also available.
This MOSFET is an enhancement-mode silicon-gate power
field-effect transistor of the vertical DMOS (VDMOS)
structure. It is specially designed and processed to be
radiation tolerant. The MOSFET is well suited for
applications exposed to radiation environments such as
switching regulation, switching converters, motor drives,
relay drivers and drivers for high-power bipolar switching
transistors requiring high speed and low gate drive power.
This type can be operated directly from integrated circuits.
Reliability screening is available as either commercial, TXV
equivalent of MIL-S-19500, or Space equivalent of
MIL-S-19500. Contact Intersil Corporation for any desired
deviations from the data sheet.
Formerly available as type TA45206.
Features
• 21A, 400V, rDS(ON) = 0.210Ω
• Total Dose
- Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
- Safe Operating Area Curve for Single Event Effects
- SEE Immunity for LET of 36MeV/mg/cm2 with
VDS up to 80% of Rated Breakdown and
VGS of 10V Off-Bias
• Dose Rate
- Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
- Typically Survives 2E12 if Current Limited to IDM
• Photo Current
- 35nA Per-RAD(Si)/s Typically
• Neutron
- Maintain Pre-RAD Specifications
for 3E12 Neutrons/cm2
- Usable to 3E13 Neutrons/cm2
Symbol
Packaging
SMD2
Ordering Information
RAD LEVEL
SCREENING LEVEL
PART NUMBER/BRAND
10K
Commercial
FSYC360D1
100K
TXV
FSYC360R3
100K
Space
FSYC360R4
D
G
S
Data Sheet
February 2000
File Number
4791
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000


Similar Part No. - FSYC360R3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSYC055D INTERSIL-FSYC055D Datasheet
49Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
July 1998
FSYC055D1 INTERSIL-FSYC055D1 Datasheet
49Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
July 1998
FSYC055D3 INTERSIL-FSYC055D3 Datasheet
49Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
July 1998
FSYC055R INTERSIL-FSYC055R Datasheet
49Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
July 1998
FSYC055R1 INTERSIL-FSYC055R1 Datasheet
49Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
July 1998
More results

Similar Description - FSYC360R3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSJ163D INTERSIL-FSJ163D Datasheet
56Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSL214D INTERSIL-FSL214D Datasheet
57Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
October 1998
FSPL230R INTERSIL-FSPL230R Datasheet
81Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 2000
FSPYC260R INTERSIL-FSPYC260R Datasheet
83Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
FSPYE230R INTERSIL-FSPYE230R Datasheet
83Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 2000
FSYA254D INTERSIL-FSYA254D Datasheet
55Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
FSYA450D INTERSIL-FSYA450D Datasheet
56Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
FSYC055D INTERSIL-FSYC055D Datasheet
49Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
July 1998
FSYE23A0D INTERSIL-FSYE23A0D Datasheet
57Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
May 1999
FSYE430D INTERSIL-FSYE430D Datasheet
58Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com