Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1623-T Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1623-T
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1623-T Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1623-T Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1623-T Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1623-T Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SD1623
■
Typical Characterisitics
ti
u
c
ri
C
t
s
e
T
e
m
i
T
g
n
i
h
c
ti
w
S
VR
RB
25V
--5V
+
+
50Ω
INPUT
OUTPUT
RL=50Ω
100μF
470μF
PW=20μs
IC=10IB1= --10IB2=500mA
(For PNP, the polarity is reversed)
IB1
D.C.≤1%
IB2
1200
800
600
400
200
1000
0
2
1
4
2
0
10
8
6
IC -- VCE
IB=0mA
2SD1623
Pulse
3mA
2mA
1mA
7mA
6mA
5mA
4mA
2.4
1.6
1.2
0.8
0.4
2.0
0
4
.
2
8
.
0
4
.
0
0
2.0
1.6
1.2
IC -- VCE
IB=0mA
2SD1623
Pulse
2mA
8mA
4mA
25mA
15mA
50mA
40mA
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
hFE -- IC
2
3
5
10
7
1000
2
3
5
7
100
2
3
5
10
5
5
3
2
100
2
3
7
7
1000
2SD1623
VCE=2V
Collector Current, IC -- mA
0
0.2
0.4
0.6
0.8
1.2
1.0
1200
1000
800
600
400
200
0
IC -- VBE
2SD1623
VCE=2V
Base-to-Emitter Voltage, VBE -- V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com