Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1758-Q Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1758-Q
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1758-Q Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1758-Q Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1758-Q Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SD1758
■
Typical Characterisitics
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.1 Grounded emitter propagation
characteristics
2
0
.0
1000
2000
1
200
500
100
20
50
10
2
5
0.2
0.6
0.4
0.8 1.0 1.2 1.4 1.6 1.8
Ta=25°C
VCE=
3V
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.2 Grounded emitter output
characteristics
0
0.1
0.2
0.3
0.4
0.5
0.4
0.8
1.2
1.6
2.0
0
Ta=25°C
IB=0A
3.0mA
2.7mA
2.4mA
2.1mA
1.8mA
1.5mA
1.2mA
0.9mA
0.6mA
0.3mA
COLLECTOR CURRENT : IC
(mA)
Fig.3 DC current gain vs. collector
current
5
500
10 20
50 100 200 500 1A 2A
200
100
50
20
Ta=25°C
VCE=3V
1V
COLLECTOR CURRENT : IC (mA)
Fig.4 Collector-emitter saturation
voltage vs. collector current
500
20
200
100
50
5 10 20
50 100 200 500 1A 2A
Ta=25°C
10
20
IC/IB=50
COLLECTOR CURRENT : IC (mA)
Fig.5 Collector-emitter saturation
voltage vs. collector current
5
1
2
0.2
0.5
0.1
10 20
50 100 200 500 1A 2A
Ta=25°C
IC/IB=10
EMITTER CURRENT : IE (mA)
Fig.6 Transition frequency vs. emitter
current
-2
−1
200
−5 −10 −20 −50 −100−200 −500 −1A
500
1000
100
50
20
Ta=25°C
VCE=
5V
0.5
200
10
500
1000
100
20
50
1
2
5
10
20
Ta=25°C
f=1MHz
IE=
0A
IC=
0A
COLLECTOR TO BASE VOLTAGE : VCB (V)
EMITTER TO BASE VOLTAGE
: VEB (V)
Fig.7 Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage
Cib
Cob
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.8 Safe operating area
5
0
5
1
.
0
2
0.2
0.5
1
0.1
0.05
0.2
0.5 1
2
5
10 20
0.01
0.02
PW=100ms
TC=25°C
Single
nonrepetitive
pulse



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com