Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1801-R Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1801-R
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1801-R Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1801-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1801-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1801-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
2SD1801
Features
Low collector-to-emitter saturation voltage.
Fast switching speed.
Complementary to 2SB1201
2.3
0.60+ 0.1
- 0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4 .60 +0.15
-0.15
5.30+0.2
-0.2
2.30 +0.1
-0.1
0.50 +0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
60
Collector - Emitter Voltage
VCEO
50
Emitter - Base Voltage
VEBO
6
Collector Current - Continuous
IC
2
Collector Current - Pulse
ICP
4
Collector Power Dissipation
Tc=25°C
15
0.8
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
A
PC
W
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 uA, IE= 0
60
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA,RBE= ∞
50
Emitter - base breakdown voltage
VEBO
IE= 100 uA, IC= 0
6
Collector-base cut-off current
ICBO
VCB= 50 V , IE= 0
0.1
Emitter cut-off current
IEBO
VEB= 5V , IC=0
0.1
Collector-emitter saturation voltage
VCE(sat) IC=1 A, IB=50 mA
0.15
0.4
Base - emitter saturation voltage
VBE(sat) IC=1 A, IB=50 mA
0.9
1.2
VCE= 2V, IC= 100 mA
100
560
VCE= 2V, IC= 1.5 A
40
Turn-ON Time
ton
60
Storage Time
tstg
550
Fall Time
tf
30
Collector Output capacitance
Cob
VCB= 10V, IE= 0,f=1MHz
12
pF
Transition frequency
fT
VCE= 10V, IC= 50mA
150
MHz
See specified Test Circuit
ns
V
V
uA
DC current gain
hFE
Classification of hfe(1)
Type
2SD1801-R
2SD1801-S
2SD1801-T
2SD1801-U
Range
100-200
140-280
200-400
280-560


Similar Part No. - 2SD1801-R

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD1801-251 ISC-2SD1801-251 Datasheet
296Kb / 3P
Silicon NPN Power Transistor
2SD1801-252 ISC-2SD1801-252 Datasheet
289Kb / 3P
Silicon NPN Power Transistor
More results

Similar Description - 2SD1801-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9013 KEXIN-KST9013 Datasheet
103Kb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com