Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8564 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8564
Description  Quad 7 ns Single Supply Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8564 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8564_15 Datasheet HTML 4Page - Analog Devices AD8564_15 Datasheet HTML 5Page - Analog Devices AD8564_15 Datasheet HTML 6Page - Analog Devices AD8564_15 Datasheet HTML 7Page - Analog Devices AD8564_15 Datasheet HTML 8Page - Analog Devices AD8564_15 Datasheet HTML 9Page - Analog Devices AD8564_15 Datasheet HTML 10Page - Analog Devices AD8564_15 Datasheet HTML 11Page - Analog Devices AD8564_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8564
Rev. B | Page 10 of 12
USING HYSTERESIS
Hysteresis can easily be added to a comparator through the
addition of positive feedback. Adding hysteresis to a comparator
offers an advantage in noisy environments where it is not desirable
for the output to toggle between states when the input signal is
near the switching threshold. Figure 17 shows a method for
configuring the AD8564 with hysteresis.
COMPARATOR
SIGNAL
R1
R2
VREF
CF
Figure 17. Configuring the AD8564 with Hysteresis
The input signal is connected directly to the inverting input of
the comparator. The output is fed back to the noninverting
input through R2 and R1. The ratio of R1 to R1 + R2 and the
output swing establishes the width of the hysteresis window,
with VREF setting the center of the window or the average
switching voltage. The output switches high when the input
voltage is greater than VHI and does not switch low again until
the input voltage is less than VLO, as given in Equation 2.
(
)
REF
REF
HI
V
R2
R1
R1
V
V
V
+
=
+
1
(1)
+
=
R2
R1
R1
V
V
REF
LO
1
(2)
where V+ is the positive supply voltage.
The CF capacitor may also be added to introduce a pole into
the feedback network. This has the effect of increasing the
amount of hysteresis at high frequencies. This can be useful
when comparing a relatively slow signal in a high frequency
noise environment.
At frequencies greater than
R2
C
f
F
P
π
=
2
1
, the hysteresis
window approaches VHI = V+ – 1 V and VLO = 0 V.
At frequencies less than fP, the threshold voltages remain as it is
in Equation 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com