Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8607ARM-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8607ARM-R2
Description  Precision Micropower, Low Noise CMOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8607ARM-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8607ARM-R2 Datasheet HTML 7Page - Analog Devices AD8607ARM-R2 Datasheet HTML 8Page - Analog Devices AD8607ARM-R2 Datasheet HTML 9Page - Analog Devices AD8607ARM-R2 Datasheet HTML 10Page - Analog Devices AD8607ARM-R2 Datasheet HTML 11Page - Analog Devices AD8607ARM-R2 Datasheet HTML 12Page - Analog Devices AD8607ARM-R2 Datasheet HTML 13Page - Analog Devices AD8607ARM-R2 Datasheet HTML 14Page - Analog Devices AD8607ARM-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8603/AD8607/AD8609
Rev. C | Page 11 of 16
VS = 1.8V
RL = 10kΩ
CL = 200pF
AV = 1
TIME (4µs/DIV)
Figure 36. Small Signal Transient
VS = 1.8V
RL = 10kΩ
CL = 200pF
AV = 1
TIME (20µs/DIV)
Figure 37. Large Signal Transient
FREQUENCY (kHz)
28
0.1
1.0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
56
84
112
140
168
0
VS = ±0.9V
Figure 38. Voltage Noise Density vs. Frequency
FREQUENCY (kHz)
22
11
234567
89
0
44
66
88
110
132
176
0
0
VS = ±0.9V
154
Figure 39. Voltage Noise Density vs. Frequency
FREQUENCY (Hz)
100
–120
–40
–20
0
1k
10k
100k
1M
–60
–140
–80
–100
VS = ±2.5V, ±0.9V
Figure 40. Channel Separation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com