Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1035-R Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1035-R
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1035-R Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1035-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1035-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1035-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
PNP Transistors
2SA1035
■
Typical Characterisitics
–1
–3
–10
–30
–100
0
160
120
40
100
140
80
20
60
IC=–1mA
GV=80dB
Function=FLAT
4.7kΩ
Rg=100kΩ
22kΩ
Collector to emitter voltage VCE (V)
– 0.01
– 0.03
– 0.1
– 0.3
–1
0
160
120
40
100
140
80
20
60
VCE=–10V
GV=80dB
Function=FLAT
4.7kΩ
Rg=100kΩ
22kΩ
Collector current IC (mA)
– 0.01
– 0.03
– 0.1
– 0.3
–1
0
300
240
120
180
60
VCE=–10V
GV=80dB
Function=RIAA
4.7kΩ
Rg=100kΩ
22kΩ
Collector current IC (mA)
1
3
10
30
100
0
160
120
40
100
140
80
20
60
VCE=–10V
GV=80dB
Function=FLAT
– 0.1mA
IC=–1mA
– 0.5mA
Signal source resistance Rg (kΩ)
1
3
10
30
100
0
300
240
120
180
60
– 0.1mA
IC=–1mA
– 0.5mA
VCE=–10V
GV=80dB
Function=RIAA
Signal source resistance Rg (kΩ)
–1
–3
–10
–30
–100
0
300
240
120
180
60
IC=–1mA
GV=80dB
Function=RIAA
4.7kΩ
Rg=100kΩ
22kΩ
Collector to emitter voltage VCE (V)
NV — VCE
NV — VCE
NV — IC
NV — IC
NV — Rg
NV — Rg



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com