Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1417-R Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1417-R
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1417-R Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1417-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1417-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1417-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
Features
Adoption of FBET, MBIT Processes
High Breakdown Voltage and Large Current Capacity
Electrical Characteristics Ta = 25
PNP Transistors
2SA1417
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-120
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA, RBE=∞
-100
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-6
Collector-base cut-off current
ICBO
VCB= -100 V , IE=0
-0.1
Emitter cut-off current
IEBO
VEB= -4V , IC=0
-0.1
Collector-emitter saturation voltage
VCE(sat) IC=-1A, IB=- 100mA
-0.22 -0.6
Base - emitter saturation voltage
VBE(sat) IC=-1A, IB=- 100mA
-0.85 -1.2
DC current gain
hFE
VCE= -5V, IC= -100mA
100
400
Turn-on time
ton
80
Storage time
ts
750
Fall time
tf
40
Output capacitance
Cob
VCB= -10V, IE= 0,f=1MHz
25
pF
Transition frequency
fT
VCE= -10V, IE= -100mA
120
MHz
See Test Circuit.
V
V
ns
uA
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-120
Collector - Emitter Voltage
VCEO
-100
Emitter - Base Voltage
VEBO
-6
Collector Current - Continuous
IC
-2
Collector Current - Pulsed
ICP
-3
Collector Power Dissipation
PC
500
mW
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
℃
A
■
Classification of hfe
●
Complementary to 2SC3647
Type
2SA1417-R
2SA1417-S
2SA1417-T
Range
100-200
140-280
200-400
Marking
ACR*
ACS*
ACT*


Similar Part No. - 2SA1417-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1417 SANYO-2SA1417 Datasheet
126Kb / 4P
High-Voltage Switching Applications
logo
Guangdong Kexin Industr...
2SA1417 KEXIN-2SA1417 Datasheet
505Kb / 3P
High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1417 SANYO-2SA1417 Datasheet
63Kb / 5P
High-Voltage Switching Applications
2SA1417 SANYO-2SA1417 Datasheet
446Kb / 7P
High-Voltage Switching Applications
logo
ON Semiconductor
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
Bipolar Transistor
September, 2013
More results

Similar Description - 2SA1417-R

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
PNP Transistors
logo
Guangdong Kexin Industr...
2SB766A KEXIN-2SB766A_15 Datasheet
884Kb / 2P
PNP Transistors
2SA733-HF KEXIN-2SA733-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1036-HF KEXIN-2SA1036-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1037-HF KEXIN-2SA1037-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1122-HF KEXIN-2SA1122-HF_15 Datasheet
712Kb / 2P
PNP Transistors
2SB624-HF KEXIN-2SB624-HF_15 Datasheet
401Kb / 1P
PNP Transistors
2SB736A-HF KEXIN-2SB736A-HF_15 Datasheet
1Mb / 3P
PNP Transistors
2SB799-HF KEXIN-2SB799-HF_15 Datasheet
1Mb / 3P
PNP Transistors
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com