Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1483-R Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1483-R
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1483-R Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1483-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1483-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1483-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
PNP Transistors
2SA1483
■
Typical Characterisitics
Collector-emitter voltage VCE (V)
IC – VCE
Ambient temperature Ta (°C)
PC – Ta
0
120
80
100
40
60
0
0.6
0.2
1.0
0.4
1.2
20
160
140
0.8
①
②
(1) Mounted on a ceramic
substrate (250 mm
2
×
0.8 t)
(2) No heat sink
0
0
−
1
−
40
−
2
−
3
−
4
−
5
−
6
−
80
−
120
−
160
−
200
Common emitter
Ta = −55°C
IB = −0.5 mA
−
1.0
0
−
1.5
−
2.0
−
3.0
−
4.0
−
6.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com