Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1483-Y Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1483-Y
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1483-Y Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1483-Y Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1483-Y Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1483-Y Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SA1483
Switching Time Test Circuit
OUTPUT
680 Ω
VCC
= −12 V
VBB
= 3 V
INPUT
0
−10 V
1 μs
DUTY CYCLE ≤ 2%
■
Typical Characterisitics
Collector-emitter voltage VCE (V)
IC – VCE
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (mA)
VBE (sat) – IC
Collector current IC (mA)
VCE (sat) – IC
Collector current IC (mA)
hFE – IC
−
0.1
−
10
−
100
−
30
−
0.3
300
1000
500
Common emitter
VCE = −3 V
10
−
3
−
1
100
30
50
Ta = 100°C
25
−
55
−
0.1
−
1
−
1
−
100
−
30
−
0.3
−
0.3
−
0.5
Common emitter
IC/IB = 10
−
0.1
−
3
−
10
−
3
−
5
Ta = −55°C
25
100
0
0
−
1
−
40
−
2
−
3
−
4
−
5
−
6
−
80
−
120
−
160
−
200
Common emitter
Ta = 25°C
IB = −0.2 mA
−
0.5
−
1.0
−
1.5
−
2.0
−
3.0
−
5.0
−
10
0
0
0
−
1
−
40
−
2
−
3
−
4
−
5
−
6
−
80
−
120
−
160
−
200
Common emitter
Ta = 100°C
IB = −0.2 mA
−
0.6
0
−
8.0
−
4.0
−
2.0
−
1.0
−
0.1
−
0.1
−
1
−
100
−
30
−
0.3
−
0.03
−
0.05
Common emitter
IC/IB = 10
−
0.01
−
3
−
10
−
0.3
−
0.5
Ta = 100°C
25
−
55



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com