Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1577-P Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1577-P
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1577-P Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1577-P Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1577-P Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SA1577
■
Typical Characterisitics
0
1
-
1
-
1
.
0
-
1
10
100
0
0
1
-
0
1
-
0
100
200
300
400
500
0
0
1
-
0
1
-
1
-
10
100
1000
-0.1
-1
-10
-100
-0.2
-0.4
-0.6
-0.8
-1.0
-0.1
-1
-10
-100
-1E-3
-0.01
-0.1
-1
0
25
50
75
100
125
150
0
50
100
150
200
250
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-0.1
-1
-10
-100
-0
-1
-2
-3
-4
-5
-6
-0
-30
-60
-90
REVERSE VOLTAGE V (V)
C
ob
C
ib
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB/ VEB
C
ob/ Cib
——
-20
-360uA
-7
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE=-3V
T
a=25
℃
T
a=100
℃
I
C
h
FE
——
-500
COLLECTOR CURRENT I
C
(mA)
V
CE=-5V
T
a=25
℃
I
C
——
f
T
——
-500
β=10
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=25
℃
T
a=100
℃
I
C
V
BEsat
——
β=10
COLLECTOR CURRENT I
C
(mA)
T
a=100
℃
T
a=25
℃
I
C
V
CEsat
——
-500
P
C
—— T
a
AMBIENT TEMPERATURE T
a
( )
℃
BASE-EMMITER VOLTAGE V
BE
(V)
T
a=100
℃
T
a=25
℃
COMMON EMITTER
V
CE=-3V
I
C
V
BE
-500
-400uA
-320uA
-280uA
-240uA
-200uA
-160uA
-120uA
-80uA
I
B=-40uA
Static Characteristic
COMMON
EMITTER
T
a=25
℃
COLLECTOR-EMITTER VOLTAGE V
CE
(V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com