Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1577-R Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1577-R
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1577-R Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1577-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1577-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
2SA1577
■
Features
●
Large IC. CMax.=-500mA
●
Low VCE(sat).Ideal for low-voltage operation.
●
Complements the 2SC4097.
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-40
Collector - Emitter Voltage
VCEO
-32
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
IC
-500
mA
Collector Power Dissipation
PC
200
mW
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
℃
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-40
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA,IB=0
-32
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-5
Collector-base cut-off current
ICBO
VCB= -20 V , IE=0
-1
Emitter cut-off current
IEBO
VEB= -4V , IC=0
-1
Collector-emitter saturation voltage
VCE(sat) IC=-100 mA, IB=-10 mA
-0.4
Base - emitter saturation voltage
VBE(sat) IC=-100 mA, IB=-10 mA
-1.2
DC current gain
hFE
VCE= -3V, IC= -10mA
82
390
Collector output capacitance
Cob
VCB= -10V,IE=0, f=1MHz
7
pF
Transition frequency
fT
VCE= -5V, IC= -20mA,f=100MHz
200
MHz
V
uA
V
■
Classification of hfe
1.Base
2.Emitter
3.Collector
Type
2SA1577-P
2SA1577-Q
2SA1577-R
Range
82-180
120-270
180-390
Marking
HP
HQ
HR


Similar Part No. - 2SA1577-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SA1577-R MCC-2SA1577-R Datasheet
202Kb / 2P
PNP Gneral Purpose Transistors
2SA1577-R MCC-2SA1577-R Datasheet
299Kb / 2P
PNP Gneral Purpose Transistors
More results

Similar Description - 2SA1577-R

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
PNP Transistors
logo
Guangdong Kexin Industr...
2SB766A KEXIN-2SB766A_15 Datasheet
884Kb / 2P
PNP Transistors
2SA733-HF KEXIN-2SA733-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1036-HF KEXIN-2SA1036-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1037-HF KEXIN-2SA1037-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1122-HF KEXIN-2SA1122-HF_15 Datasheet
712Kb / 2P
PNP Transistors
2SB624-HF KEXIN-2SB624-HF_15 Datasheet
401Kb / 1P
PNP Transistors
2SB736A-HF KEXIN-2SB736A-HF_15 Datasheet
1Mb / 3P
PNP Transistors
2SB799-HF KEXIN-2SB799-HF_15 Datasheet
1Mb / 3P
PNP Transistors
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com