Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1586-G Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1586-G
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1586-G Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1586-G Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1586-G Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SA1586
■
Typical Characterisitics
-0
-300
-600
-900
-1200
-0.1
-1
-10
-100
0
0
1
-
0
1
-
1
-
1
.
0
-
-300
-600
-900
-1200
0
25
50
75
100
125
150
0
20
40
60
80
100
120
0
0
1
-
0
1
-
1
-
1
.
0
-
-10
-100
-1000
0
0
1
-
0
1
-
1
-
1
.
0
-
10
100
1000
0
1
-
1
-
1
.
0
-
1
10
-0
-4
-8
-12
-16
-20
-0
-2
-4
-6
-8
-10
0
0
1
-
0
1
-
1
-
10
100
-3
COMMON EMITTER
V
CE= -6V
V
BE
I
C
——
BASE-EMMITER VOLTAGE V
BE (mV)
-150
-3
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
Ta=100 ℃
T
a=25
℃
-150
P
C
—— T
a
AMBIENT TEMPERATURE T
a
( )
℃
T
a=100
℃
T
a=25
℃
β=10
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
-150
-0.3
300
-30
-30
-0.3
-0.3
-3
-30
-30
-300
30
300
I
C
h
FE
——
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= -6V
-150
-0.3
-3
-30
3
3
-
3
.
0
-
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB/VEB
C
ob/Cib
——
Cob
Cib
REVERSE VOLTAGE V (V)
-20
30
COMMON
EMITTER
T
a=25
℃
-50uA
-45uA
-40uA
-35uA
-30uA
-25uA
-20uA
-15uA
-10uA
I
B=-5uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
-30
30
-3
COMMON EMITTER
V
CE=-10V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
500
I
C
f
T
——



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com