Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1729-R Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1729-R
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1729-R Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1729-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1729-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1729-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
2SA1729
■
Features
●
Large current capacity.
●
Low collector-to-emitter saturation voltage.
●
Fast switching speed.
●
Small-sized package.
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-50
Collector - Emitter Voltage
VCEO
-40
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
IC
-1.5
Collector Current -Pulse
ICp
-3
Collector Power Dissipation (Note.1)
PC
1.3
W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
℃
A
Note.1: Mounted on ceramic board (250mm X 0.8mm)
2
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 uA, IE=0
-50
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA,RBE= ∞
-40
Emitter - base breakdown voltage
VEBO
IE= -100 uA, IC=0
-5
Collector-base cut-off current
ICBO
VCB= -40 V , IE=0
-1
Emitter cut-off current
IEBO
VEB= -3V , IC=0
-1
Collector-emitter saturation voltage
VCE(sat) IC=-800 mA, IB=-40 mA
-0.3
-0.8
Base - emitter saturation voltage
VBE(sat) IC=-800 mA, IB=-40 mA
-0.9
-1.3
hFE(1)
VCE= -2V, IC= -100 mA
70
280
hFE(2)
VCE= -2V, IC= -1.5 A
25
Turn-on Time
ton
50
100
Storage time
tstg
120
220
Tutn-off time
toff
150
300
Collector output capacitance
Cob
VCB= -10V, f=1MHz
18
pF
Transition frequency
fT
VCE= -2V, IC= -100 mA
300
MHz
DC current gain
V
uA
V
See specified Test Circuit
ns
■
Classification of hfe(1)
Type
2SA1729-Q
2SA1729-R
2SA1729-S
Range
70-140
100-200
140-280
Marking
AGQ
AGR
AGS


Similar Part No. - 2SA1729-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1729 SANYO-2SA1729 Datasheet
90Kb / 3P
High-Speed Switching Applications
logo
Guangdong Kexin Industr...
2SA1729 KEXIN-2SA1729 Datasheet
447Kb / 3P
High-Speed Switching Applications
More results

Similar Description - 2SA1729-R

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
PNP Transistors
logo
Guangdong Kexin Industr...
2SB766A KEXIN-2SB766A_15 Datasheet
884Kb / 2P
PNP Transistors
2SA733-HF KEXIN-2SA733-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1036-HF KEXIN-2SA1036-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1037-HF KEXIN-2SA1037-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1122-HF KEXIN-2SA1122-HF_15 Datasheet
712Kb / 2P
PNP Transistors
2SB624-HF KEXIN-2SB624-HF_15 Datasheet
401Kb / 1P
PNP Transistors
2SB736A-HF KEXIN-2SB736A-HF_15 Datasheet
1Mb / 3P
PNP Transistors
2SB799-HF KEXIN-2SB799-HF_15 Datasheet
1Mb / 3P
PNP Transistors
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com