Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3647-T Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3647-T
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3647-T Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3647-T Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC3647-T Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC3647-T Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SC3647
ti
u
c
ri
C
t
s
e
T
e
m
i
T
g
n
i
h
c
ti
w
S
VR
RB
VCC=50V
VBE= --5V
+
+
50Ω
INPUT
OUTPUT
RL
100µF
470µF
PW=20µs
IB1
D.C.≤1%
IB2
10IB1= --10IB2=IC=0.7A
For PNP, the polarity is reversed.
■
Typical Characterisitics
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
2
4
1
5
3
0
0.4
0.8
1.2
1.6
2.0
0
2SC3647
IB=0mA
20mA
30mA
50mA
40mA
10mA
5mA
3mA
2mA
1mA
0.2
0.6
0.4
0.8
1.0
0
10
20
30
40
50
0
2SC3647
IB=0mA
0.5mA
2.5mA
3.0mA
3.5mA
4.0mA
2.0mA
1.5mA
1.0mA
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
4.5mA
0.8
0.4
0
1.2
1.6
2.4
2.0
100
1000
5
7
3
2
5
7
3
5 7
7
3
2
0.01
0.1
5 7
3
3
2
2
1.0
8
.
0
6
.
0
0
0.4
2
.
1
0
.
1
2
.
0
2SC3647
VCE=5V
2SC3647
VCE=5V
--25°C
25°C
Ta=75°C
hFE -- IC
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com