Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD882-R Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD882-R
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD882-R Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD882-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD882-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIP Type
Transistors
1
2SD882
www.kexin.com.cn
Features
Excellent hFE linearity and high hFE
hFE = 60 to 400 (VCE = 2 V, IC = 1 A)
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
V
e
g
a
tl
o
V
e
s
a
B
o
t
r
o
t
c
e
ll
o
C
CBO
40
V
V
e
g
a
tl
o
V
r
e
tt
i
m
E
o
t
r
o
t
c
e
ll
o
C
CEO
30
V
V
e
g
a
tl
o
V
e
s
a
B
o
t
r
e
tt
i
m
E
EBO
6
V
Collector Current to Continuous
IC
3
A
P
n
o
it
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
C
c
1
T
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
J
150
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
stg
-55 to 150
Electrical Characteristics Ta = 25
ti
n
U
x
a
M
p
y
T
n
i
M
s
n
o
ti
i
d
n
o
c
t
s
e
T
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Collector-base breakdown voltage
VCBO
Ic=100uA ,IE
V
0
4
0
=
Collector-emitter breakdown voltage
VCEO
IC= 10 mA , IB
V
0
3
0
=
Emitter-base breakdown voltage
VEBO
IE= 100 uA ,IC
V
6
0
=
I
t
n
e
rr
u
c
ff
o
-t
u
c
r
o
t
c
e
ll
o
C
CBO
VCB=40 V , IE
A
u
1
0
=
I
t
n
e
rr
u
c
ff
o
-t
u
c
r
o
t
c
e
ll
o
C
CEO
VCE=30 V , IB
A
u
0
1
0
=
I
t
n
e
rr
u
c
ff
o
-t
u
c
r
e
tt
i
m
E
EBO
VEB=6V , IC
A
u
1
0
=
VCE= 2V, IC
0
0
4
0
6
A
1
=
VCE=2V, IC= 100mA
32
Collector-emitter saturation voltage
VCE(sat)
IC=2A, IB
V
5
.
0
A
2
.
0
=
Base-emitter saturation voltage
VBE(sat)
IC=2A, IB
V
5
.
1
A
2
.
0
=
f
y
c
n
e
u
q
e
rf
n
o
it
i
s
n
a
r
T
T
VCE=5 V, IC=0.1mA,f = 10MHz
50
MHz
h
n
i
a
g
t
n
e
rr
u
c
C
D
FE
■
Classification of hfe(1)
NPN Transistors
Type
2SD882-R
2SD882-Q
2SD882-P
2SD882-E
Range
60-120
100-200
160-320
200-400
W
3.25± 0.20
8.00± 0.30
ø3.20± 0.10
0.75± 0.10
#1
0.75± 0.10
2.28TYP
[2.28±0.20]
2.28TYP
[2.28±0.20]
1.60± 0.10
1.75± 0.20
(0.50)
(1.00)
0.50
+0.10
–0.05
TO-126
3. Emitter
1. Base
2. Collector
Unit:mm
1 2 3


Similar Part No. - 2SD882-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SD882-R MCC-2SD882-R Datasheet
315Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
logo
Guangdong Kexin Industr...
2SD882-R KEXIN-2SD882-R Datasheet
464Kb / 1P
NPN Transistors
logo
DONGGUAN YOU FENG WEI E...
2SD882-R YFWDIODE-2SD882-R Datasheet
584Kb / 3P
NPN Transistors
logo
Guangdong Kexin Industr...
2SD882-R-HF KEXIN-2SD882-R-HF Datasheet
482Kb / 1P
NPN Transistors
More results

Similar Description - 2SD882-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9013 KEXIN-KST9013 Datasheet
103Kb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com