Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8626 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8626
Description  Single-Supply JFET Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8626 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8626 Datasheet HTML 9Page - Analog Devices AD8626 Datasheet HTML 10Page - Analog Devices AD8626 Datasheet HTML 11Page - Analog Devices AD8626 Datasheet HTML 12Page - Analog Devices AD8626 Datasheet HTML 13Page - Analog Devices AD8626 Datasheet HTML 14Page - Analog Devices AD8626 Datasheet HTML 15Page - Analog Devices AD8626 Datasheet HTML 16Page - Analog Devices AD8626 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD8625/AD8626/AD8627
Rev. F | Page 13 of 20
APPLICATIONS INFORMATION
The AD862x is one of the smallest and most economical
JFETs offered. It has true single-supply capability and has
an input voltage range that extends below the negative rail,
allowing the part to accommodate input signals below ground.
The rail-to-rail output of the AD862x provides the maximum
dynamic range in many applications. To provide a low offset,
low noise, high impedance input stage, the AD862x uses
n-channel JFETs. The input common-mode voltage extends
from 0.2 V below –VS to 2 V below +VS. Driving the input of
the amplifier, configured in the unity gain buffer, closer than
2 V to the positive rail causes an increase in common-mode
voltage error, as illustrated in Figure 15, and a loss of amplifier
bandwidth. This loss of bandwidth causes the rounding of the
output waveforms shown in Figure 39 and Figure 40, which
have inputs that are 1 V and 0 V from +VS, respectively.
The AD862x does not experience phase reversal with input
signals close to the positive rail, as shown in Figure 29. For
input voltages greater than +VSY, a resistor in series with the
AD862x’s noninverting input prevents phase reversal at the
expense of greater input voltage noise. This current-limiting
resistor should also be used if there is a possibility of the input
voltage exceeding the positive supply by more than 300 mV, or
if an input voltage is applied to the AD862x when ±VSY = 0.
Either of these conditions damages the amplifier if the
condition exists for more than 10 seconds. A 10 kΩ resistor
allows the amplifier to withstand up to 10 V of continuous
overvoltage, while increasing the input voltage noise by a
negligible amount.
TIME (2
µs/DIV)
INPUT
OUTPUT
VSY = 5V
4V
4V
0V
0V
Figure 39. Unity Gain Follower Response to 0 V to 4 V Step
TIME (2
µs/DIV)
INPUT
OUTPUT
VSY = 5V
4V
0V
5V
0V
Figure 40. Unity Gain Follower Response to 0 V to 5 V Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com