Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP4853 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EP4853
Description  Subminiature RF Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EP4853 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EP4853 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRONICS, INC.
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Electrical Parameters @ 25
°C
OCL
(
µH ± 10%)
PCA
Part
Number
Subminiature RF Inductors
CS48XXa
Rev. - 12/12/98
• For PC Mounted Applications •
• Transfer-Molded Epoxy •
• Meets MIL-C-15305 Grade 1 Class O •
• Inductance Range from 10
µH to 100 µH •
• L & Q measured with HP4195 •
A
B
C
D
E
.235
.335
1.50
---
.018
..255
.355
---
---
.022
.245
.345
---
.100
.020
5.97
8.51
38.10
---
.457
6.48
9.02
---
---
.559
6.22
8.76
---
2.54
.508
EP48XX
Dimensions
Dim.
Min.
Min.
Max.
Max.
Nom.
Nom.
(Inches)
(Millimeters)
Test
Frequency
(MHz)
DCR
(
Ω Max.)
.34
.48
3.7
5
7.3
9.9
14
.67
.97
1.3
1.8
2.55
20
Q
(Min.)
22
21
39
38
38
37
37
20
19
18
17
17
36
DC
Current
(mA Max.)
500
500
330
260
200
160
130
500
500
500
500
420
100
Test
Voltage
.0005
.0005
.001
.001
.005
.005
.005
.0005
.0005
.0005
.001
.001
.01
Resonant
Frequency
15 MHz
12.5 MHz
3.7 MHz
3.0 MHz
2.4 MHz
2.0 MHz
1.7 MHz
10 MHz
8.2 MHz
6.8 MHz
5.6 MHz
4.6 MHz
1.4 MHz
.010
.015
.150
.220
.330
.470
.680
.022
.033
.047
.068
.100
1.00
3.5 MHz
2.5 MHz
790 KHz
790 KHz
790 KHz
790 KHz
790 KHz
2.5 MHz
2.5 MHz
2.5 MHz
2.5 MHz
2.5 MHz
790 KHz
EP4852
EP4853
EP4820
EP3001
EP4858
EP4859
EP4860
EP2890
EP4854
EP4855
EP4856
EP4857
EP2629A
Package
Product performance is limited to specified parameters. Data is subject to change without prior notice.
A
B
C
D
PCA
EPXXXX
XXXX
D.C.
Inductance
Value
E
Schematic
2
1


Similar Part No. - EP4853

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP4853 PCA-EP4853 Datasheet
13Kb / 1P
Subminiature RF Inductors
More results

Similar Description - EP4853

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WVL VISHAY-WVL Datasheet
114Kb / 4P
Inductors, Variable, Subminiature
10-Aug-06
IMS-2WWD-40 VISHAY-IMS-2WWD-40 Datasheet
70Kb / 3P
Inductors, Subminiature, Shielded
10-Aug-06
PC9EBR10K VISHAY-PC9EBR10K Datasheet
86Kb / 3P
Inductors Subminiature, Shielded
10-Aug-06
logo
PCA ELECTRONICS INC.
EP4852 PCA-EP4852 Datasheet
13Kb / 1P
Subminiature RF Inductors
logo
Coilcraft lnc.
132 COILCRAFT-132 Datasheet
90Kb / 1P
Fixed RF Inductors
148 COILCRAFT-148 Datasheet
87Kb / 1P
Tunable RF Inductors
logo
Bourns Electronic Solut...
4905-S BOURNS-4905-S Datasheet
29Kb / 1P
Adjustable RF Inductors
logo
XFMRS Inc.
XFSMD203-R33J XFMRS-XFSMD203-R33J Datasheet
60Kb / 1P
RF INDUCTORS
XFTH203-1R2J XFMRS-XFTH203-1R2J Datasheet
60Kb / 1P
RF INDUCTORS
logo
Pulse A Technitrol Comp...
WC701 PULSE-WC701 Datasheet
2Mb / 28P
RF Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com