Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP68 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BCP68
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BCP68 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BCP68 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BCP68 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
BCP68 (KCP68)
■
Electrical Characteristics Ta = 25℃
■
Typical Characterisitics
Fig.1 DC current gain; typical values.
VCE = 1 V.
0
100
300
250
200
150
50
hFE
10−1
1
IC (mA)
0
1
0
1
2
104
103
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE=0
32
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB=0
20
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC=0
5
VCB= 25 V , IE=0
100
nA
VCB= 25 V , IE=0,TJ=150℃
10
uA
Emitter cut-off current
IEBO
VEB= 5V , IC=0
100
nA
Collector-emitter saturation voltage
VCE(sat) IC=1 A, IB=100mA
0.5
Base - emitter saturation voltage
VBE(sat) IC=1 A, IB=100mA
1.2
VCE= 10V, IC= 5mA
0.62
VCE= 1V, IC= 1 A
1
VCE= 10V, IC= 5mA
50
VCE= 1V, IC= 500mA
85
375
VCE= 1V, IC= 1 A
60
Collector capacitance
Cob
VCB= 5V, IE= Ie=0,f=1MHz
38
pF
Transition frequency
fT
VCE= 5V, IC= 10mA,f=100MHz
40
MHz
DC current gain
hFE
Collector-base cut-off current
ICBO
V
Base - emitter voltage
VBE
V
■
Classification of hfe(2)
Type
BCP68
BCP68-16
BCP68-25
Range
85-375
100-250
160-375
Marking
BCP68
BCP68-16
BCP68-25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com