Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR08-HGW-T-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AR08-HGW-T-R
Description  IDC-Socket, 8 Pin, Wire Wrap,
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AR08-HGW-T-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AR08-HGW-T-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.02.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AR08-HZW/T-R
IDC-Socket, 8 Pin, Wire Wrap,
Pitch: 2.54MM, Pin Length: 17.80M
Complaint
RoHS
rev00
10.16MM±0.35MM
7.62MM±0.25MM
10.16MM±0.35MM
7.62MM±0.25MM


Similar Part No. - AR08-HGW-T-R

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
AR0800103 ALPHAWIRE-AR0800103 Datasheet
166Kb / 2P
M12-A Female
AR0800112 ALPHAWIRE-AR0800112 Datasheet
168Kb / 3P
M12-A Female
AR0800123 ALPHAWIRE-AR0800123 Datasheet
169Kb / 3P
M12-A Female
AR0800124 ALPHAWIRE-AR0800124 Datasheet
169Kb / 3P
M12-A Female
AR0800128 ALPHAWIRE-AR0800128 Datasheet
166Kb / 2P
M12-A Female
More results

Similar Description - AR08-HGW-T-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AR06-HGW-T-R ASSMANN-AR06-HGW-T-R Datasheet
286Kb / 1P
IDC-Socket, 6 Pin, Wire Wrap,
AR-14-HGW-T ASSMANN-AR-14-HGW-T Datasheet
295Kb / 1P
IDC-Socket, 14 Pin, Wire Wrap
AR18-HGW-T-R ASSMANN-AR18-HGW-T-R Datasheet
287Kb / 1P
IDC-Socket, 18 Pin, Wire Wrap
AR20-HGW-T-R ASSMANN-AR20-HGW-T-R Datasheet
286Kb / 1P
IDC-Socket, 20 Pin, Wire Wrap
AR24-HGW-T-R ASSMANN-AR24-HGW-T-R Datasheet
275Kb / 1P
IDC-Socket, 24 Pin, Wire Wrap
AR28-HGW-T-R ASSMANN-AR28-HGW-T-R Datasheet
275Kb / 1P
IDC-Socket, 28 Pin, Wire Wrap
AR32-HGW-T-R ASSMANN-AR32-HGW-T-R Datasheet
275Kb / 1P
IDC-Socket, 32 Pin, Wire Wrap
AR-32-HZW-T ASSMANN-AR-32-HZW-T Datasheet
273Kb / 1P
IDC-Socket, 32 Pin, Wire Wrap
AR40-HGW-T-R ASSMANN-AR40-HGW-T-R Datasheet
275Kb / 1P
IDC-Socket, 40 Pin, Wire Wrap,
AR-64-HZW-T ASSMANN-AR-64-HZW-T Datasheet
395Kb / 1P
IDC-Socket, Wire Wrap
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com