Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5513 Datasheet(PDF) 13 Page - Intersil Corporation

Part # HC5513
Description  TR909 DLC/FLC SLIC with Low Power Standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5513 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HC5513 Datasheet HTML 9Page - Intersil Corporation HC5513 Datasheet HTML 10Page - Intersil Corporation HC5513 Datasheet HTML 11Page - Intersil Corporation HC5513 Datasheet HTML 12Page - Intersil Corporation HC5513 Datasheet HTML 13Page - Intersil Corporation HC5513 Datasheet HTML 14Page - Intersil Corporation HC5513 Datasheet HTML 15Page - Intersil Corporation HC5513 Datasheet HTML 16Page - Intersil Corporation HC5513 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
66
The function of this circuit is to maintain the tip and ring
voltages symmetrically around VBAT/2, in the presence of
longitudinal currents. The differential transconductance
amplifiers GT and GR accomplish this by sourcing or sinking
the required current to maintain VC at VBAT/2.
When a longitudinal current is injected onto the tip and ring
inputs, the voltage at VC moves from it’s equilibrium value
VBAT/2. When VC changes by the amount ∆VC, this change
appears between the input terminals of the differential
transconductance amplifiers GT and GR. The output of GT
and GR are the differential currents ∆I1 and ∆I2, which in
turn feed the differential inputs of current sources IT and IR
respectively. IT and IR have current gains of 250 single
ended and 500 differentially, thus leading to a change in IT
and IR that is equal to 500(∆I) and 500(∆I2).
The circuit shown in Figure 20(B) illustrates the tip side of
the longitudinal network. The advantages of a differential
input current source are: improved noise since the noise due
to current source 2IO is now correlated, power savings due
to differential current gain and minimized offset error at the
Operational Amplifier inputs via the two 5k
Ω resistors.
Digital Logic Inputs
Table 1 is the logic truth table for the TTL compatible logic
input pins. The HC5513 has two enable inputs pins (E0, E1)
and two control inputs pins (C1, C2).
The enable pin E0 is used to enable or disable the DET
output pin. The DET pin is enabled if E0 is at a logic level 0
and disabled if E0 is at a logic level 1.
The enable pin E1 gates the ground key detector to the DET
output with a logic level 0, and gates the loop or ring trip
detector to the DET output with a logic level 1.
A combination of the control pins C1 and C2 is used to
select 1 of the 4 possible operating states. A description of
each operating state and the control logic follow:
Open Circuit State (C1 = 0, C2 = 0)
In this state the SLIC is effectively off. All detectors and both
the tip and ring line drive amplifiers are powered down,
presenting a high impedance to the line. Power dissipation is
at a minimum.
Active State (C1 = 0, C2 = 1)
The tip output is capable of sourcing loop current and for
open circuit conditions is about -4V from ground. The ring
output is capable of sinking loop current and for open circuit
conditions is about VBAT + 4V. VF signal transmission is
normal. The loop current and ground key detectors are both
active, E0 and E1 determine which detector is gated to the
DET output.
Ringing State (C1 = 1, C2 = 0)
The ring relay driver and the ring trip detector are activated.
Both the tip and ring line drive amplifiers are powered down.
Both tip and ring are disconnected from the line via the
external ring relay.
Standby State (C1 = 1, C2 = 1)
Both the tip and ring line drive amplifiers are powered down.
Internal resistors are connected between tip to ground and ring
to VBAT to allow loop current detect in an off-hook condition.
The loop current and ground key detectors are both active, E0
and E1 determine which detector is gated to the DET output.
AC Transmission Circuit Stability
To ensure stability of the AC transmission feedback loop two
compensation capacitors CTC and CRC are required.
Figure 21 (Application Circuit) illustrates their use.
Recommended value is 2200pF.
FIGURE 20A.
FIGURE 20B.
FIGURE 20. LONGITUDINAL IMPEDANCE NETWORK
TIP
RING
VBAT/2
GT
GR
∆I1
∆I1
∆I2
∆I2
IT
IR
RLARGE
RLARGE
∆VT
+
-
ILONG
ILONG
HC5513
ILONG
ILONG
∆VR
+
-
VC
+
-
VBAT/2
VC
RLARGE
RLARGE
TIP
RING
5k
Ω
5k
Ω
20
Ω
+
-
2I0
∆I1
∆I1
GT
TIP CURRENT SOURCE
WITH DIFFERENTIAL INPUTS
TIP DIFFERENTIAL
TRANSCONDUCTANCE
AMPLIFIER
HC5513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com