Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK101-18-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK101-18-R
Description  PRINTER CABLE, D-SUB 25 MALE TO CENT 36 MALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK101-18-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK101-18-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - AK101-18-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AK10 LITTELFUSE-AK10 Datasheet
172Kb / 2P
Silicon Avalanche Diodes
AK10 LITTELFUSE-AK10 Datasheet
188Kb / 3P
Transient Voltage Suppression Diodes
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
Excellent clamping capability
logo
Shenzhen Luguang Electr...
AK10 LUGUANG-AK10 Datasheet
943Kb / 4P
TransientVoltage Suppression Diodes
AK10-015C LUGUANG-AK10-015C Datasheet
943Kb / 4P
TransientVoltage Suppression Diodes
More results

Similar Description - AK101-18-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK102-3-R ASSMANN-AK102-3-R Datasheet
274Kb / 1P
PRINTER CABLE, D-SUB 25 MALE TO CENT 36 MALE
AK104-7-R ASSMANN-AK104-7-R Datasheet
274Kb / 1P
PRINTER CABLE, D-SUB 25 MALE TO CENT 36 MALE
AK105-10-R ASSMANN-AK105-10-R Datasheet
274Kb / 1P
PRINTER CABLE, D-SUB 25 MALE TO CENT CABLE
AK103-5-R ASSMANN-AK103-5-R Datasheet
274Kb / 1P
PRINTER CABLE, D-SUB 25 MALE TO CENT 36 MALE
AK426-3-R ASSMANN-AK426-3-R Datasheet
259Kb / 1P
CENT 36-PIN MALE TO CENT 36
AK430-3-R ASSMANN-AK430-3-R Datasheet
271Kb / 1P
CENT 36-PIN FEMALE TO CENT 36-PIN
AK168-10-R ASSMANN-AK168-10-R Datasheet
89Kb / 1P
D-Sub 25 Pin Male to D-Sub 25 Pin Female
logo
Adam Technologies, Inc.
DB25-PS-25 ADAM-TECH-DB25-PS-25 Datasheet
204Kb / 1P
D-SUB 25 POS MALE
logo
Pasternack Enterprises,...
PE3353LF-36 PASTERNACK-PE3353LF-36 Datasheet
371Kb / 4P
SMA Male to SMA Male Cable 36 Inch
PE34576-36 PASTERNACK-PE34576-36 Datasheet
376Kb / 4P
3.5mm Male to 3.5mm Male Cable 36 Inch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com