Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK711-18-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK711-18-R
Description  IEEE 1284 Bi-Directional Printer Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK711-18-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK711-18-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.11.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK711-1.8-R (1.8 Meters)
AK712-3-R (3 Meters)
IEEE 1284 Bi-Directional Printer Cable,
D-Sub 25 Pin Male to CENt 36 Pin Male
Complaint
RoHS
rev00
Material:
• Cable: UL20276, #28, 18PAIRS+1+AL/MY+Braid
(Beige PVC Jacket) O.D:5.0MM
Insulation conduct with P.P Type
• Both connectors with normal type
• Thumbscrew: #4-40UNC Type
• Both connectors inner colded with copper tape and solder (360°)
Allover Molded with Beige PVC
Copper Tape Size:
DB25 Male:(30mmX95mm)
CN36 Make:(30mmX110mm)
Note:
1. Total Length: See Item No.
2. Color: Beige
3. Molded Type


Similar Part No. - AK711-18-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK713-5-R ASSMANN-AK713-5-R Datasheet
146Kb / 1P
IEEE 1284 Bi-Directional Printer Cable
More results

Similar Description - AK711-18-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B170-002-R TRIPPLITE-B170-002-R Datasheet
495Kb / 2P
2-Port IEEE-1284 Parallel Printer Auto Sharing Switch
logo
Assmann Electronics Inc...
AK707-R ASSMANN-AK707-R Datasheet
275Kb / 1P
IEEE 1284 SPECIAL PRINTER CABLE
AK713-5-R ASSMANN-AK713-5-R Datasheet
146Kb / 1P
IEEE 1284 Bi-Directional Printer Cable
AK733-18 ASSMANN-AK733-18 Datasheet
100Kb / 1P
IEEE 1284 Bi-Directional Extension Cable
AK735-5 ASSMANN-AK735-5 Datasheet
100Kb / 1P
IEEE 1284 Bi-Directional Extension Cable
AK737-3-R ASSMANN-AK737-3-R Datasheet
78Kb / 1P
IEEE 1284 Bi-Directional Connection Cable
logo
Tripp Lite. All Rights ...
P606003 TRIPPLITE-P606003 Datasheet
472Kb / 2P
IEEE 1284 AB Parallel Printer Cable (DB25 to Cen36 M-M), 3-ft
P606010 TRIPPLITE-P606010 Datasheet
471Kb / 2P
IEEE 1284 AB Parallel Printer Cable (DB25 to Cen36 M-M), 10-ft
P606015 TRIPPLITE-P606015 Datasheet
495Kb / 2P
IEEE 1284 AB Parallel Printer Cable (DB25 to Cen36 M-M), 15-ft
logo
IOGEAR
GUC1284B IOGEAR-GUC1284B Datasheet
129Kb / 2P
USB to Parallel IEEE 1284 Printer Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com