Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC1007 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPC1007
Description  Ethernet DC/DC Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC1007 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPC1007_15 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
Electrical Specifications
Input
Voltage V
5.0
5.0
Output
Voltage V
9 ± 5%
9 ± 5%
Output Current
mA Max.
200 Max.
200 Max.
Output Ripple & Noise
@ 20 MHz BW mV p-p
100 Max.
100 Max.
Isolation
Vrms
500
2000
PCA P/N
EPC1007P
EPC1007H
75 % Typical efficiency at full load
Designed for low common mode noise
@ nominial input voltage
Input filter to reduce input ripple current
Input / Output Isolation
Unregulated Output
STD
PKG
E
E1
DSC1007
Rev. 1
4/8/99
Ethernet DC/DC Converter EPC1007P & EPC1007H
Features
*Note : Package with G = Surface Mount Device, †† : E1,E1-G,E4,E4-G,E11,Q,Q1, N4-G
Pin Connections for E**
V in+
V o+
V in+
V in-
24
13
14
15
1
12
11
10
V o-
V o+
V in-
V o-
V in+
V o+
V in+
V in-
24
13
14
15
1
12
11
10
V o-
V o+
V in-
V o-
23 & 22
N/C
2 & 3
N/C
Pin Connections for E4
Optional
Packages
E-G*, F2,N,††
E1-G*,E11,N,Q1, N4
12
11
10
24
23
V in+
V o+
V in-
V o-
12
9
13 to 16
N/C
Pin Connections for E1
N/C
11
10
9
V o+
V o-
V in+
3
2
1
N/C
12
V in-
Pin Connections for F2
PACKAGE E
PACKAGE E1
PCA EPC1007H
Date Code
5V
9V
1.300 Max.
.375 Max
.585 Max.
1.100
.125 Min.
.018
Typ.
White Dot
Pin 1
.008
.012
.635
Typ.
.100 Typ.
.020 Typ.
QAF-CSO6 Rev. B
9/9/94
PCA EPC1007P
Date Code
5V
9V
1.300 Max.
.375 Max
.585 Max.
1.100
.125 Min.
.018
Typ.
White Dot
Pin 1
.008
.012
.635
Typ.
.100 Typ.
.020 Typ.
**Pin 4 removed
Pins 2-9 & 16-23
not connected
1.30 Max.
.010 Typ.
.585 Max.
.020 Typ.
.700
Typ.
.35 Max
1.100
.100 Typ.
.050
.600
PCA EPC1007HE1G
Date Code
+5V
-9V
White Dot
Pin 1
PACKAGE E1-G
.090
Suggested
Pad
Layout
.740
.040
.100
PAD LAYOUT


Similar Part No. - EPC1007_15

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC1007H PCA-EPC1007H Datasheet
41Kb / 1P
Ethernet DC/DC Converter
EPC1007P PCA-EPC1007P Datasheet
41Kb / 1P
Ethernet DC/DC Converter
More results

Similar Description - EPC1007_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPC1008P ETC1-EPC1008P Datasheet
28Kb / 1P
Ethernet DC/DC Converter
logo
PCA ELECTRONICS INC.
EPC1000P PCA-EPC1000P Datasheet
14Kb / 1P
Ethernet DC/DC Converter
EPC1005H PCA-EPC1005H Datasheet
98Kb / 1P
Ethernet DC/DC Converter
EPC1008P PCA-EPC1008P Datasheet
34Kb / 1P
Ethernet DC/DC Converter
EPC1018H PCA-EPC1018H Datasheet
18Kb / 1P
Ethernet DC/DC Converter
EPC1054P PCA-EPC1054P Datasheet
39Kb / 1P
Ethernet DC/DC Converter
EPC1055H PCA-EPC1055H Datasheet
30Kb / 1P
Ethernet DC/DC Converter
EPC1091P PCA-EPC1091P Datasheet
27Kb / 1P
Ethernet DC/DC Converter
EPC1104PN2 PCA-EPC1104PN2 Datasheet
18Kb / 1P
Ethernet DC/DC Converter
EPC1109P PCA-EPC1109P Datasheet
26Kb / 1P
Ethernet DC/DC Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com