Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK737-3-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK737-3-R
Description  IEEE 1284 Bi-Directional Connection Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK737-3-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK737-3-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
11.11.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK737-3-R
IEEE 1284 Bi-Directional Connection Cable,
D-Sub 25 pin Male <=> Male to D-Sub 25 pin Male,
3 Meters
Complaint
RoHS
rev00
Material:
• Cable: UL20276 28AWG(7/0.12TC)*18+D(26AWGTC)+AL/MY+
BRAID(85%)
O.D.: 7.5MM
• Connectors - P1&P2: DB 25P Male Soder Type Pin G/F Shell
NI-Plated (Insulator: Blue)
• Outer Jacket: 40P PVC
• Inner Jacket: Clear LD-PE
• Screw: #4-40UNC Type L=30MM, Nickel Plated
• Color: Beige
Electrical:
• 100% short, open, miswire test
• Hi-Pot: 300V DC / 10ms
2
P
1
P
14
1
13
25
1
14
25
13
3,000MM±50MM
27MM±0.3MM
30MM±0.3MM
180MM Max.
210MM
Pin Assignment
P1
1
18
2
19
3
19
4
20
5
20
6
21
7
21
8
22
9
22
10
24
11
23
12
24
13
24
14
25
16
25
15
23
17
25
SHELL
P2
1
18
2
19
3
19
4
20
5
20
6
21
7
21
8
22
9
22
10
24
11
23
12
24
13
24
14
25
16
25
15
23
17
25
SHELL


Similar Part No. - AK737-3-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK733-18 ASSMANN-AK733-18 Datasheet
100Kb / 1P
IEEE 1284 Bi-Directional Extension Cable
AK735-5 ASSMANN-AK735-5 Datasheet
100Kb / 1P
IEEE 1284 Bi-Directional Extension Cable
More results

Similar Description - AK737-3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT1284 FAIRCHILD-74ACT1284 Datasheet
226Kb / 7P
IEEE 1284 Transceiver
74VHC161284 FAIRCHILD-74VHC161284 Datasheet
205Kb / 11P
IEEE 1284 Transceiver
logo
List of Unclassifed Man...
GL640 ETC-GL640 Datasheet
1Mb / 39P
IEEE-1284 to USB Bridge
logo
Fairchild Semiconductor
74ACT1284 FAIRCHILD-74ACT1284_00 Datasheet
265Kb / 7P
IEEE 1284 Transceiver
logo
Assmann Electronics Inc...
AK707-R ASSMANN-AK707-R Datasheet
275Kb / 1P
IEEE 1284 SPECIAL PRINTER CABLE
AK711-18-R ASSMANN-AK711-18-R Datasheet
145Kb / 1P
IEEE 1284 Bi-Directional Printer Cable
AK713-5-R ASSMANN-AK713-5-R Datasheet
146Kb / 1P
IEEE 1284 Bi-Directional Printer Cable
AK733-18 ASSMANN-AK733-18 Datasheet
100Kb / 1P
IEEE 1284 Bi-Directional Extension Cable
AK735-5 ASSMANN-AK735-5 Datasheet
100Kb / 1P
IEEE 1284 Bi-Directional Extension Cable
logo
Fairchild Semiconductor
AN-5010 FAIRCHILD-AN-5010 Datasheet
220Kb / 10P
IEEE 1284 Interface Design Solutions
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com