Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1663GV-E1 Datasheet(PDF) 4 Page - NEC

Part # UPC1663GV-E1
Description  DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1663GV-E1 Datasheet(HTML) 4 Page - NEC

  UPC1663GV-E1 Datasheet HTML 1Page - NEC UPC1663GV-E1 Datasheet HTML 2Page - NEC UPC1663GV-E1 Datasheet HTML 3Page - NEC UPC1663GV-E1 Datasheet HTML 4Page - NEC UPC1663GV-E1 Datasheet HTML 5Page - NEC UPC1663GV-E1 Datasheet HTML 6Page - NEC UPC1663GV-E1 Datasheet HTML 7Page - NEC UPC1663GV-E1 Datasheet HTML 8Page - NEC UPC1663GV-E1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet G11024EJ6V0DS00
4
µµµµPC1663
ELECTRICAL CHARACTERISTICS (TA =
++++25 °C, VCC±±±± = ±±±±6 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Differential Voltage Gain
Gain 1
Avd
f = 10 MHz
Note 1
200
320
500
—
Gain 2
f = 10 MHz
Note 2
810
12
Bandwidth
Gain 1
BW
RS = 50
Ω (3 dB down point)
—
120
—
MHz
Gain 2
—
700
—
Rise Time
Gain 1
tr
RS = 50
Ω, Vout = 1 VP-P
—2.9
—
ns
Gain 2
—
2.7
—
Propagation Delay
Gain 1
tpd
RS = 50
Ω, Vout = 1 VP-P
—2
—
ns
Gain 2
—
1.2
—
Input Resistance
Gain 1
Rin
—4.0
—
k
Ω
Gain 2
50
180
—
Input Capacitance
Cin
—2
—
pF
Input Offset Current
IIO
—0.4
5.0
µA
Input Bias Current
IB
—20
40
µA
Input Noise Voltage
Vn
RS = 50
Ω, 10 k to 10 MHz
—
3
—
µVr.m.s.
Input Voltage Range
VI
±1.0
—
—
V
Common Mode
Rejection Ratio
Gain 2
CMR
Vcm =
±1 V, f ≤ 100 kHz
53
94
—
dB
Supply Voltage Rejection Ratio
SVR
∆V = ±0.5 V
50
70
—
dB
Output Offset Voltage
Gain 1
VO(off)
VO(off) = |OUT1 – OUT2|—
0.3
1.5
V
Gain 2
—
0.1
1.0
Output Common Mode Voltage
VO(CM)
2.4
2.9
3.4
V
Output Voltage Swing
VOP-P
Single-ended
3.0
4.0
—
VP-P
Output Sink Current
Isink
2.5
3.6
—
mA
Power Supply Current
ICC
—13
20
mA
Notes 1. Gain select pins G1A and G1B are connected.
2. All gain select pins are opened.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com