Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5526CP Datasheet(PDF) 13 Page - Intersil Corporation

Part # HC5526CP
Description  ITU CO/PABX SLIC with Low Power Standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5526CP Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HC5526CP Datasheet HTML 9Page - Intersil Corporation HC5526CP Datasheet HTML 10Page - Intersil Corporation HC5526CP Datasheet HTML 11Page - Intersil Corporation HC5526CP Datasheet HTML 12Page - Intersil Corporation HC5526CP Datasheet HTML 13Page - Intersil Corporation HC5526CP Datasheet HTML 14Page - Intersil Corporation HC5526CP Datasheet HTML 15Page - Intersil Corporation HC5526CP Datasheet HTML 16Page - Intersil Corporation HC5526CP Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
69
Active State (C1 = 0, C2 = 1)
The tip output is capable of sourcing loop current and for
open circuit conditions is about -4V from ground. The ring
output is capable of sinking loop current and for open circuit
conditions is about VBAT +4V. VF signal transmission is
normal. The loop current and ground key detectors are both
active, E0 and E1 determine which detector is gated to the
DET output.
Ringing State (C1 = 1, C2 = 0)
The ring relay driver and the ring trip detector are activated.
Both the tip and ring line drive amplifiers are powered down.
Both tip and ring are disconnected from the line via the
external ring relay.
Standby State (C1 = 1, C2 = 1)
Both the tip and ring line drive amplifiers are powered down.
Internal resistors are connected between tip to ground and ring
to VBAT to allow loop current detect in an off-hook condition.
The loop current and ground key detectors are both active, E0
and E1 determine which detector is gated to the DET output.
AC Transmission Circuit Stability
To ensure stability of the AC transmission feedback loop two
compensation capacitors CTC and CRC are required.
Figure 21 (Application Circuit) illustrates their use.
Recommended value is 2200pF.
AC-DC Separation Capacitor, CHP
The high pass filter capacitor connected between pins HPT
and HPR provides the separation between circuits sensing
tip to ring DC conditions and circuits processing AC signals.
A 10nf CHP will position the low end frequency response
3dB break point at 48Hz. Where:
where RHP = 330kΩ.
Thermal Shutdown Protection
The HC5526’s thermal shutdown protection is invoked if a
fault condition on the tip or ring causes the temperature of
the die to exceed 160oC. If this happens, the SLIC goes into
a high impedance state and will remain there until the
temperature of the die cools down by about 20oC. The SLIC
will return back to its normal operating mode, providing the
fault condition has been removed.
Surge Voltage Protection
The HC5526 must be protected against surge voltages and
power crosses. Refer to “Maximum Ratings” TIPX and
RINGX terminals for maximum allowable transient tip and
ring voltages. The protection circuit shown in Figure 21
utilizes diodes together with a clamping device to protect tip
and ring against high voltage transients.
Positive transients on tip or ring are clamped to within a
couple of volts above ground via diodes D1 and D2. Under
normal operating conditions D1 and D2 are reverse biased
and out of the circuit.
Negative transients on tip and ring are clamped to within a
couple of volts below ground via diodes D3 and D4 with the
help of a Surgector. The Surgector is required to block
conduction through diodes D3 and D4 under normal
operating conditions and allows negative surges to be
returned to system ground.
The fuse resistors (RF) serve a dual purpose of being
nondestructive power dissipaters during surge and fuses
when the line in exposed to a power cross.
FIGURE 20A.
FIGURE 20B.
FIGURE 20. LONGITUDINAL IMPEDANCE NETWORK
TIP
RING
VBAT/2
GT
GR
∆I1
∆I1
∆I2
∆I2
IT
IR
RLARGE
RLARGE
∆VT
+
-
ILONG
ILONG
HC5526
ILONG
ILONG
∆VR+
-
VC
+
-
VBAT/2
VC
RLARGE
RLARGE
TIP
RING
5k
Ω
5k
Ω
20
Ω
+
-
2I0
∆I1
∆I1
GT
TIP CURRENT SOURCE
WITH DIFFERENTIAL INPUTS
TIP DIFFERENTIAL
TRANSCONDUCTANCE
AMPLIFIER
f
3dB
1
2
π
•
R
HP
•
C
HP
•
()
-----------------------------------------------------
=
(EQ. 28)
HC5526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com