Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS05MS Datasheet(PDF) 6 Page - Intersil Corporation

Part # HCS05MS
Description  Radiation Hardened Hex Inverter with Open Drain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS05MS Datasheet(HTML) 6 Page - Intersil Corporation

  HCS05MS Datasheet HTML 1Page - Intersil Corporation HCS05MS Datasheet HTML 2Page - Intersil Corporation HCS05MS Datasheet HTML 3Page - Intersil Corporation HCS05MS Datasheet HTML 4Page - Intersil Corporation HCS05MS Datasheet HTML 5Page - Intersil Corporation HCS05MS Datasheet HTML 6Page - Intersil Corporation HCS05MS Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
40
HCS05MS
Three-State Low Timing Diagram and
Load Circuit
THREE-STATE LOW VOLTAGE LEVELS
PARAMETER
HCS
UNITS
VCC
4.50
V
VIH
4.50
V
VS
2.25
V
VT
2.25
V
VW
0.90
V
GND
0
V
VS
INPUT
OUTPUT
VIH
VSS
VOZ
VOL
TPZL
TPLZ
VT
VW
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
Ω
VCC
Transition Timing Diagram
VIH
VSS
VOH
VOL
VS
INPUT
TTHL
OUTPUT
80%
20%
Spec Number
518829



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com