Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS02D Datasheet(PDF) 7 Page - Intersil Corporation

Part # HCS02D
Description  Radiation Hardened Quad 2-Input NOR Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS02D Datasheet(HTML) 7 Page - Intersil Corporation

  HCS02D Datasheet HTML 1Page - Intersil Corporation HCS02D Datasheet HTML 2Page - Intersil Corporation HCS02D Datasheet HTML 3Page - Intersil Corporation HCS02D Datasheet HTML 4Page - Intersil Corporation HCS02D Datasheet HTML 5Page - Intersil Corporation HCS02D Datasheet HTML 6Page - Intersil Corporation HCS02D Datasheet HTML 7Page - Intersil Corporation HCS02D Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
HCS02MS
AC Timing Diagrams
FIGURE 1
AC VOLTAGE LEVELS
PARAMETER
HCS
UNITS
VCC
4.50
V
VIH
4.50
V
VS
2.25
V
VIL
0
V
GND
0
V
VS
INPUT
OUTPUT
OUTPUT
TTHL
80%
20%
80%
20%
VIH
VIL
VOH
VOL
VOH
VOL
TPLH
TPHL
VS
TTLH
AC Load Circuit
FIGURE 2
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
Ω
Spec Number
518744



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com