Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9057/PCB Datasheet(PDF) 6 Page - Analog Devices

Part # AD9057/PCB
Description  8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9057/PCB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9057/PCB Datasheet HTML 2Page - Analog Devices AD9057/PCB Datasheet HTML 3Page - Analog Devices AD9057/PCB Datasheet HTML 4Page - Analog Devices AD9057/PCB Datasheet HTML 5Page - Analog Devices AD9057/PCB Datasheet HTML 6Page - Analog Devices AD9057/PCB Datasheet HTML 7Page - Analog Devices AD9057/PCB Datasheet HTML 8Page - Analog Devices AD9057/PCB Datasheet HTML 9Page - Analog Devices AD9057/PCB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. D
AD9057
–6–
ENCODE RATE (MSPS)
350
150
0
510
20
30
40
506070
80
90
300
250
100
50
200
VDD = 5V
VDD = 3V
AIN = 10.3MHz, –0.5dBFS
TPC 7. Power Dissipation vs. Encode Rate
TEMPERATURE ( C)
46.5
46.0
41.5
–45
90
025
70
44.5
43.0
42.5
42.0
45.5
45.0
43.5
44.0
SNR
SINAD
ENCODE = 60MSPS
AIN = 10.3MHz, –0.5dBFS
TPC 8. SINAD/SNR vs. Temperature
TEMPERATURE ( C)
0
–0.2
–1.8
–45
90
025
70
–0.8
–1.2
–1.4
–1.6
–0.4
–0.6
–1.0
TPC 9. ADC Gain vs. Temperature (with External
2.5 V Reference)
TEMPERATURE ( C)
10.0
9.5
–45
90
025
70
8.0
6.5
6.0
9.0
8.5
7.0
7.5
VDD = 5V
VDD = 3V
11.0
12.0
TPC 10. tPD vs. Temperature/Supply (VDD = 3 V/5 V)
ENCODE HIGH PULSEWIDTH (
ns)
46.5
42.5
5.8
9.2
8.35
45.0
44.0
43.5
43.0
46.0
45.5
44.5
SINAD
SNR
ENCODE = 60MSPS
AIN = 10.3MHz, –05dBFS
10.0
10.9
6.7
7.5
43.5
TPC 11. SINAD/SNR vs. Encode Pulsewidth
0
–2
–10
110
100
–4
–6
–8
–9
25
20
50
200
500
ENCODE = 60MSPS
AIN = –0.5dBFS
–1
–3
–5
–7
ANALOG FREQUENCY (MHz)
TPC 12. ADC Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com