Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS112MS Datasheet(PDF) 9 Page - Intersil Corporation

Part # HCS112MS
Description  Radiation Hardened Dual JK Flip-Flop
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS112MS Datasheet(HTML) 9 Page - Intersil Corporation

  HCS112MS Datasheet HTML 1Page - Intersil Corporation HCS112MS Datasheet HTML 2Page - Intersil Corporation HCS112MS Datasheet HTML 3Page - Intersil Corporation HCS112MS Datasheet HTML 4Page - Intersil Corporation HCS112MS Datasheet HTML 5Page - Intersil Corporation HCS112MS Datasheet HTML 6Page - Intersil Corporation HCS112MS Datasheet HTML 7Page - Intersil Corporation HCS112MS Datasheet HTML 8Page - Intersil Corporation HCS112MS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
19
HCS112MS
Die Characteristics
DIE DIMENSIONS:
89 x 88 mils
2.25 x 2.24mm
METALLIZATION:
Type: SiAl
Metal Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å
± 2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
µm x 100µm
4 mils x 4 mils
Metallization Mask Layout
HCS112MS
NOTE: The die diagram is a generic plot from a similar HCS device. It is intended to indicate approximate die size and bond pad location.
The mask series for the HCS112 is TA14341A.
CP1
(1)
KA
(2)
JA (3)
SA (4)
QA (5)
QA (6)
QB (7)
GND
(8)
QB
(9)
SB
(10)
(11) JB
(12) KB
(13) CPB
(14) RB
(15) RA
VCC
(16)
Spec Number
518830



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com