Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT853 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FZT853
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FZT853 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FZT853_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FZT853_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
FZT853 (KZT853)
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
200
Collector-emitter breakdown voltage
VCER
IC=1mA, RB ≤1kΩ
200
Collector- emitter breakdown voltage
VCEO
Ic= 10 mA, IB= 0
100
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
6
VCB= 200 V , IE= 0
0.1
VCB= 200 V , IE= 0 , Ta = 100℃
1
VCB= 200 V , IE= 0
0.1
VCB= 200 V , IE= 0 , Ta = 100℃
1
Emitter cut-off current
IEBO
VEB= 6V , IC=0
0.1
IC=0.1 A, IB=5mA (Note.1)
50
IC=1 A, IB=50mA (Note.1)
100
IC=2 A, IB=50mA (Note.1)
170
IC=6 A, IB=300mA (Note.1)
375
Base - emitter saturation voltage
VBE(sat) IC=6 A, IB=300mA (Note.1)
1.2
Base-Emitter Turn On Voltage
VBE(on) VCE= 6V, IC= 1A
(Note.1)
1.15
hFE(1)
VCE= 1V, IC= 10mA
100
300
hFE(2)
VCE= 1V, IC= 2A
100
300
hFE(3)
VCE= 1V, IC= 5A
75
hFE(4)
VCE= 1V, IC= 10A
25
ton
45
toff
1100
Collector output capacitance
Cob
VCB= 10V, f=1MHz
45
pF
Transition frequency
fT
VCE= 10V, IC= 100mA,f=50MHz
130
MHz
V
ICER
Collector-emitter saturation voltage
VCE(sat)
mV
V
uA
Switching Times
IC=1A, IB1=100mA
IB2=100mA, VCC=10V
ns
DC current gain
(Note.1)
Collector-base cut-off current
ICBO
Collector- emitter cut-off current RB ≤1kΩ
Note.1: Pulse width=300us. Duty cycle ≤ 2%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com