Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS138DMSR Datasheet(PDF) 9 Page - Intersil Corporation

Part # HCS138DMSR
Description  Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS138DMSR Datasheet(HTML) 9 Page - Intersil Corporation

  HCS138DMSR Datasheet HTML 1Page - Intersil Corporation HCS138DMSR Datasheet HTML 2Page - Intersil Corporation HCS138DMSR Datasheet HTML 3Page - Intersil Corporation HCS138DMSR Datasheet HTML 4Page - Intersil Corporation HCS138DMSR Datasheet HTML 5Page - Intersil Corporation HCS138DMSR Datasheet HTML 6Page - Intersil Corporation HCS138DMSR Datasheet HTML 7Page - Intersil Corporation HCS138DMSR Datasheet HTML 8Page - Intersil Corporation HCS138DMSR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
151
HCS138MS
Die Characteristics
DIE DIMENSIONS:
85 x 101 mils
METALLIZATION:
Type: SiAl
Metal Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å
± 2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
µm x 100µm
4 x 4 mils
Metallization Mask Layout
HCS138MS
NOTE: The die diagram is a generic plot from a similar HCS device. It is intended to indicate approximate die size and bond pad location.
The mask series for the HCS138 is TA14361A.
A1
A0
VCC
A2 (3)
E1 (4)
E2 (5)
E3 (6)
(8)
(9)
(10)
(11) Y4
(12) Y3
(13) Y2
(14) Y1
(2)
(1)
(16)
GND
Y6
Y5
(7)
Y0
(15)
NC
NC
Y7
NC
NC
Spec Number
518751



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com