Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC3875-Y Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KTC3875-Y
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KTC3875-Y Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KTC3875-Y Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KTC3875-Y Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
■
Typical Characterisitics
1
10
100
0
200
400
600
800
0
25
50
75
100
125
150
0
25
50
75
100
125
150
175
200
0.1
1
10
100
200
400
600
800
1000
0.1
1
10
100
0
50
100
150
200
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
300
400
500
600
700
800
900
0.1
1
10
100
150
V
CE= 6V
T
a=100
oC
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE ——
AMBIENT TEMPERATURE T
a
( )
℃
P
c
—— T
a
150
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
β=10
I
C
V
BEsat ——
150
T
a=25
℃
T
a=100
℃
β=10
V
CEsat ——
I
C
COLLECTOR CURRENT I
C
(mA)
COMMON
EMITTER
T
a=25
℃
10uA
9uA
8uA
7uA
6uA
5uA
4uA
3uA
2uA
I
B=1uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
150
V
CE=6V
T
a=25
℃
T
a=100
oC
BASE-EMITTER VOLTAGE
V
BE(mV)
I
C—— VBE
NPN Transistors
KTC3875 (KTC3875S)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com