Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS151D Datasheet(PDF) 8 Page - Intersil Corporation

Part # HCS151D
Description  Radiation Hardened 8-Input Multiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS151D Datasheet(HTML) 8 Page - Intersil Corporation

  HCS151D Datasheet HTML 1Page - Intersil Corporation HCS151D Datasheet HTML 2Page - Intersil Corporation HCS151D Datasheet HTML 3Page - Intersil Corporation HCS151D Datasheet HTML 4Page - Intersil Corporation HCS151D Datasheet HTML 5Page - Intersil Corporation HCS151D Datasheet HTML 6Page - Intersil Corporation HCS151D Datasheet HTML 7Page - Intersil Corporation HCS151D Datasheet HTML 8Page - Intersil Corporation HCS151D Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
170
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
HCS151MS
AC Timing Diagrams
AC VOLTAGE LEVELS
PARAMETER
HCS
UNITS
VCC
4.50
V
VIH
4.50
V
VS
2.25
V
VIL
0
V
GND
0
V
VS
INPUT
OUTPUT
OUTPUT
TTHL
80%
20%
80%
20%
VIH
VIL
VOH
VOL
VOH
VOL
TPLH
TPHL
VS
TTLH
AC Load Circuit
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
Ω
Spec Number
518753



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com