Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS160MS Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCS160MS
Description  Radiation Hardened BCD Decade Synchronous Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS160MS Datasheet(HTML) 4 Page - Intersil Corporation

  HCS160MS Datasheet HTML 1Page - Intersil Corporation HCS160MS Datasheet HTML 2Page - Intersil Corporation HCS160MS Datasheet HTML 3Page - Intersil Corporation HCS160MS Datasheet HTML 4Page - Intersil Corporation HCS160MS Datasheet HTML 5Page - Intersil Corporation HCS160MS Datasheet HTML 6Page - Intersil Corporation HCS160MS Datasheet HTML 7Page - Intersil Corporation HCS160MS Datasheet HTML 8Page - Intersil Corporation HCS160MS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
186
Specifications HCS160MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
CP to QN
TPHL,
TPLH
VCC = 4.5V
9
+25oC
2
27
ns
10, 11
+125oC, -55oC
2
33
ns
CP to TC
TPHL,
TPLH
VCC = 4.5V
9
+25oC
2
24
ns
10, 11
+125oC, -55oC
2
29
ns
TE to TC
TPHL,
TPLH
VCC = 4.5V
9
+25oC
2
19
ns
10, 11
+125oC, -55oC
2
23
ns
MR to QN, MR to TC
TPHL
VCC = 4.5V
9
+25oC
2
32
ns
10, 11
+125oC, -55oC
2
39
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, f = 1MHz
1
+25oC
-
38
pF
1
+125oC, -55oC
-
63
pF
Input Capacitance
CIN
VCC = Open, f = 1MHz
1
+25oC
-
10
pF
1
+125oC, -55oC
-
10
pF
Output Transition
Time
TTHL
TTLH
VCC = 4.5V
1
+25oC
-
15
ns
1
+125oC, -55oC
-
22
ns
Max Operating
Frequency
FMAX
VCC = 4.5V
1
+25oC
30
-
MHz
1
+125oC, -55oC
20
-
MHz
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
0.75
mA
Output Current (Sink)
IOL
VCC = 4.5V, VIN = VCC or GND,
VOUT = 0.4V
+25oC
4.0
-
mA
Spec Number
518834



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com