Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS161D Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCS161D
Description  Radiation Hardened Synchronous Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS161D Datasheet(HTML) 1 Page - Intersil Corporation

  HCS161D Datasheet HTML 1Page - Intersil Corporation HCS161D Datasheet HTML 2Page - Intersil Corporation HCS161D Datasheet HTML 3Page - Intersil Corporation HCS161D Datasheet HTML 4Page - Intersil Corporation HCS161D Datasheet HTML 5Page - Intersil Corporation HCS161D Datasheet HTML 6Page - Intersil Corporation HCS161D Datasheet HTML 7Page - Intersil Corporation HCS161D Datasheet HTML 8Page - Intersil Corporation HCS161D Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
193
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
HCS161MS
Radiation Hardened
Synchronous Counter
Pinouts
16 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T16
TOP VIEW
16 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F16
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
CP
P0
P1
P2
P3
GND
PE
Q0
Q1
Q2
Q3
TE
TC
MR
VCC
SPEN
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
CP
P0
P1
P2
P3
GND
PE
MR
Q0
Q1
Q2
Q3
TE
TC
VCC
SPE
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-
Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Cosmic Ray Upset Immunity 2 x 10-9 Error/Bit Day (Typ)
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 0.3 VCC Max
- VIH = 0.7 VCC Min
• Input Current Levels Ii
≤ 5µA at VOL, VOH
Description
The Intersil HCS161MS is a Radiation Hardened 4-Input Binary;
synchronous counter featuring asynchronous reset and look-
ahead carry logic. The HCS161 has an active-low master reset to
zero, MR. A low level at the synchronous parallel enable, SPE,
disables counting and allows data at the preset inputs (p0 - p3) to
load the counter. The data is latched to the outputs on the posi-
tive edge of the clock input, CP. The HCS161MS has two count
output, IC. The terminal count output indicates a maximum count
for one clock pulse and is used to enable the next cascaded
stage to count.
The HCS161MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS161MS is supplied in a 16 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
September 1995
Spec Number
518755
File Number
2469.2
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCS161DMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead SBDIP
HCS161KMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead Ceramic Flatpack
HCS161D/Sample
+25oC
Sample
16 Lead SBDIP
HCS161K/Sample
+25oC
Sample
16 Lead Ceramic Flatpack
HCS161HMSR
+25oC
Die
Die


Similar Part No. - HCS161D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS161D RENESAS-HCS161D Datasheet
405Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCS161DMSR RENESAS-HCS161DMSR Datasheet
405Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
More results

Similar Description - HCS161D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS160MS INTERSIL-HCS160MS Datasheet
120Kb / 9P
Radiation Hardened BCD Decade Synchronous Counter
September 1995
HCS163MS INTERSIL-HCS163MS Datasheet
131Kb / 9P
Radiation Hardened Synchronous Presettable Counter
September 1995
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCTS160T INTERSIL-HCTS160T Datasheet
91Kb / 3P
Radiation Hardened Synchronous Counter
July 1999
HCTS161AMS INTERSIL-HCTS161AMS Datasheet
115Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCTS163MS INTERSIL-HCTS163MS Datasheet
152Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
logo
Renesas Technology Corp
ACTS161MS RENESAS-ACTS161MS Datasheet
218Kb / 4P
Radiation Hardened 4-Bit Synchronous Counter
January 1996
HCS161MS RENESAS-HCS161MS Datasheet
405Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCS163MS RENESAS-HCS163MS Datasheet
407Kb / 9P
Radiation Hardened Synchronous Presettable Counter
September 1995
HCTS161AMS RENESAS-HCTS161AMS Datasheet
396Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com