Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2369 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # MMBT2369
Description  Epitaxial planar die construction.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

MMBT2369 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  MMBT2369 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page:P1-P1
Plastic-Encapsulate Transistors
FEATURES
Epitaxial planar die construction.
Ultra-small surface mount package.
Marking:M1J
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
40
V
Collector-Emitter Voltage
V
CEO
15
V
Emitter-Base Voltage
V
EBO
4.5
V
Collector Current -Continuous
I
C
200
mA
Collector Power Dissipation
PC
300
mW
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Max
Unit
Collector-base breakdown voltage
VCBO
IC=10μA IE=0
40
V
Collector-emitter breakdown voltage
VCEO
IC=10mA IB=0
15
V
Emitter-base breakdown voltage
VEBO
IE=10μA IC=0
4.5
V
Collector cut-off current
ICBO
VCB=20V IE=0
0.4
uA
DC current gain
hFE
VCE=1.0V IC=10mA
40
120
VCE=2.0V IC=100mA
20
Collector-emitter saturation voltage
VCE(sat)
IC=10mA IB=1.0mA
0.25
V
Output capacitance
Cobo
VCE=5.0V,IE=0,f=1.0MH
z
4.0
pF
Small signal current gain
hfe
IC=10mA,VCE=1
0V, f=100MHz
5.0
Storage Time
ts
IB1=IB2=IC=10mA
13
ns
Turn-on time
ton
VCC=3V, IC=10mA,
IB1=3mA
12
ns
Turn-off time
toff
VCC=3V, IC=10mA,
IB1=3mA IB2=1.5mA
18
ns
(NPN)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
MMBT2369
MAKO Semiconductor Co., Limited 4008-378-873 http://www.makosemi.hk/


Similar Part No. - MMBT2369

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBT2369 FAIRCHILD-MMBT2369 Datasheet
198Kb / 6P
NPN Switching Transistor
logo
Diotec Semiconductor
MMBT2369 DIOTEC-MMBT2369 Datasheet
98Kb / 2P
Surface Mount Si-Epi-Planar Switching Transistors
logo
Galaxy Semi-Conductor H...
MMBT2369 BILIN-MMBT2369 Datasheet
155Kb / 2P
NPN General Purpose Amplifier
logo
SEMTECH ELECTRONICS LTD...
MMBT2369 SEMTECH_ELEC-MMBT2369 Datasheet
182Kb / 3P
NPN Silicon Switching Transistor
logo
GUANGDONG HOTTECH INDUS...
MMBT2369 HOTTECH-MMBT2369 Datasheet
144Kb / 1P
Plastic-Encapsulate Transistors
More results

Similar Description - MMBT2369

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DPLS160-7 DIODES-DPLS160-7 Datasheet
171Kb / 4P
Epitaxial Planar Die Construction
Rev 4
logo
Bruckewell Technology L...
DTAXXXXCA_R1 BWTECH-DTAXXXXCA_R1 Datasheet
478Kb / 6P
Epitaxial planar die construction.
logo
MAKO SEMICONDUCTOR CO.,...
MMBT2222 MAKOSEMI-MMBT2222 Datasheet
523Kb / 2P
Epitaxial planar die construction
MMBT2907 MAKOSEMI-MMBT2907 Datasheet
119Kb / 2P
Epitaxial planar die construction.
logo
Yea Shin Technology Co....
MMBT3904DW YEASHIN-MMBT3904DW Datasheet
831Kb / 3P
Epitaxial planar die construction
logo
Shenzhen Luguang Electr...
MMBT2222A LUGUANG-MMBT2222A Datasheet
2Mb / 3P
Epitaxial planar die construction
logo
SHIKUES Electronics
MMDT5401 SKTECHNOLGY-MMDT5401 Datasheet
853Kb / 3P
Epitaxial Planar Die Construction
MMDT5551 SKTECHNOLGY-MMDT5551 Datasheet
772Kb / 3P
Epitaxial Planar Die Construction
logo
Shanghai Leiditech Elec...
MMBT2222A LEIDITECH-MMBT2222A Datasheet
1Mb / 5P
Epitaxial planar die construction
MMBT2907A LEIDITECH-MMBT2907A Datasheet
563Kb / 4P
Epitaxial planar die construction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com