Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS166DMSR Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCS166DMSR
Description  Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS166DMSR Datasheet(HTML) 4 Page - Intersil Corporation

  HCS166DMSR Datasheet HTML 1Page - Intersil Corporation HCS166DMSR Datasheet HTML 2Page - Intersil Corporation HCS166DMSR Datasheet HTML 3Page - Intersil Corporation HCS166DMSR Datasheet HTML 4Page - Intersil Corporation HCS166DMSR Datasheet HTML 5Page - Intersil Corporation HCS166DMSR Datasheet HTML 6Page - Intersil Corporation HCS166DMSR Datasheet HTML 7Page - Intersil Corporation HCS166DMSR Datasheet HTML 8Page - Intersil Corporation HCS166DMSR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
253
Specifications HCS166MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
CP or CE to Q7
TPHL
TPLH
VCC = 4.5V
9
+25oC
2
32
ns
10, 11
+125oC, -55oC
2
37
ns
MR to Q7
TPHL
VCC = 4.5V
9
+25oC
2
31
ns
10, 11
+125oC, -55oC
2
36
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power Dissipation
CPD
VCC = 5.0V, f = 1MHz
+25oC
-
65
pF
+125oC, -55oC
-
81
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
+25oC
-
10
pF
+125oC
-
10
pF
Output Transition Time
(Figure 1)
TTHL
TTLH
VCC = 4.5V
+25oC
-
15
ns
+125oC, -55oC
-
22
ns
Clock Frequency (Figure 1)
fmax
VCC = 4.5V
+25oC
30
-
MHz
-55oC to +125oC
20
-
MHz
MR Pulse Width (Figure 2)
tw
VCC = 4.5V
+25oC20
-
ns
-55oC to +125oC30
-
ns
Clock Pulse Width (Figure 1)
tw
VCC = 4.5V
+25oC16
-
ns
-55oC to +125oC24
-
ns
Set-up Time Data and CE to
Clock, (Figure 3, 4)
tSU
VCC = 4.5V
+25oC16
-
ns
-55oC to +125oC24
-
ns
Hold Time Data to Clock
(Figure 4)
tH
VCC = 4.5V
+25oC1
-
ns
-55oC to +125oC1
-
ns
Removal Time MR to Clock
(Figure 3)
tREM
VCC = 4.5V
+25oC0
-
ns
-55oC to +125oC0
-
ns
Set-up Time PE to CP (Figure 4)
tSU
VCC = 4.5V
+25oC29
-
ns
-55oC to +125oC44
-
ns
Hold Time PE to CP or CE
(Figure 4)
tH
VCC = 4.5V
+25oC0
-
ns
-55oC to +125oC0
-
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
Spec Number
518758



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com