Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS193MS Datasheet(PDF) 7 Page - Intersil Corporation

Part # HCS193MS
Description  Radiation Hardened Synchronous 4-Bit Up/Down Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS193MS Datasheet(HTML) 7 Page - Intersil Corporation

  HCS193MS Datasheet HTML 1Page - Intersil Corporation HCS193MS Datasheet HTML 2Page - Intersil Corporation HCS193MS Datasheet HTML 3Page - Intersil Corporation HCS193MS Datasheet HTML 4Page - Intersil Corporation HCS193MS Datasheet HTML 5Page - Intersil Corporation HCS193MS Datasheet HTML 6Page - Intersil Corporation HCS193MS Datasheet HTML 7Page - Intersil Corporation HCS193MS Datasheet HTML 8Page - Intersil Corporation HCS193MS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
276
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (321) 724-7000
FAX: (321) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
HCS193MS
Intersil Space Level Product Flow - ‘MS’
Wafer Lot Acceptance (All Lots) Method 5007
(Includes SEM)
GAMMA Radiation Verification (Each Wafer) Method 1019,
4 Samples/Wafer, 0 Rejects
100% Nondestructive Bond Pull, Method 2023
Sample - Wire Bond Pull Monitor, Method 2011
Sample - Die Shear Monitor, Method 2019 or 2027
100% Internal Visual Inspection, Method 2010, Condition A
100% Temperature Cycle, Method 1010, Condition C,
10 Cycles
100% Constant Acceleration, Method 2001, Condition per
Method 5004
100% PIND, Method 2020, Condition A
100% External Visual
100% Serialization
100% Initial Electrical Test (T0)
100% Static Burn-In 1, Condition A or B, 24 hrs. min.,
+125oC min., Method 1015
100% Interim Electrical Test 1 (T1)
100% Delta Calculation (T0-T1)
100% Static Burn-In 2, Condition A or B, 24 hrs. min.,
+125oC min., Method 1015
100% Interim Electrical Test 2 (T2)
100% Delta Calculation (T0-T2)
100% PDA 1, Method 5004 (Notes 1and 2)
100% Dynamic Burn-In, Condition D, 240 hrs., +125oC or
Equivalent, Method 1015
100% Interim Electrical Test 3 (T3)
100% Delta Calculation (T0-T3)
100% PDA 2, Method 5004 (Note 2)
100% Final Electrical Test
100% Fine/Gross Leak, Method 1014
100% Radiographic, Method 2012 (Note 3)
100% External Visual, Method 2009
Sample - Group A, Method 5005 (Note 4)
100% Data Package Generation (Note 5)
NOTES:
1. Failures from Interim electrical test 1 and 2 are combined for determining PDA 1.
2. Failures from subgroup 1, 7, 9 and deltas are used for calculating PDA. The maximum allowable PDA = 5% with no more than 3% of the
failures from subgroup 7.
3. Radiographic (X-Ray) inspection may be performed at any point after serialization as allowed by Method 5004.
4. Alternate Group A testing may be performed as allowed by MIL-STD-883, Method 5005.
5. Data Package Contents:
• Cover Sheet (Intersil Name and/or Logo, P.O. Number, Customer Part Number, Lot Date Code, Intersil Part Number, Lot Number,
Quantity).
• Wafer Lot Acceptance Report (Method 5007). Includes reproductions of SEM photos with percent of step coverage.
• GAMMA Radiation Report. Contains Cover page, disposition, Rad Dose, Lot Number, Test Package used, Specification Numbers, Test
equipment, etc. Radiation Read and Record data on file at Intersil.
• X-Ray report and film. Includes penetrometer measurements.
• Screening, Electrical, and Group A attributes (Screening attributes begin after package seal).
• Lot Serial Number Sheet (Good units serial number and lot number).
• Variables Data (All Delta operations). Data is identified by serial number. Data header includes lot number and date of test.
• The Certificate of Conformance is a part of the shipping invoice and is not part of the Data Book. The Certificate of Conformance is signed
by an authorized Quality Representative.
Spec Number
518759



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com