Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3906 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # MMBT3906
Description  As complementary type the PNP transistor MMBT3904 is recommended
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

MMBT3906 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  MMBT3906 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED MMBT3906 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
FEATURES
As complementary type the PNP transistor MMBT3904 is recommended
Epitaxial planar die construction
MARKING: 2A
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
-40
V
Collector-Emitter Voltage
V
CEO
-40
V
Emitter-Base Voltage
V
EBO
6
V
Collector Current -Continuous
I
C
-200
mA
Collector Power Dissipation
P
C
200
mW
Thermal Resistance Junction to Ambient
R
θJA
625
/W
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Max
Unit
Collector-base breakdown voltage
VCBO
IC= 10μA, IE=0
-40
v
Collector-emitter breakdown voltage
VCEO
IC= 1mA, IB=0
-40
v
Emitter-base breakdown voltage
VEBO
IE=10μA, IC=0
-5
v
Collector cut-off current
ICBO
VCB=60V, IE=0
-0.1
uA
Collector cut-off current
ICEO
VCE=30V,VBE(off)=3V
50
uA
Emitter cut-off current
IEBO
VEB=5V, IC=0
-0.1
uA
DC current gain
hFE(1)
VCE=1V, IC=10mA
100
300
DC current gain
hFE(2)
VCE=1V, IC= 100mA
30
Collector-emitter saturation voltage
VCE(sat)
IC=50mA, IB= 5mA
-0.4
v
Base-emitter saturation voltage
VBE(sat)
IC= 50mA, IB= 5mA
-0.95
v
Transition frequency
fT
VCE=20V, IC=10mA,f=100MHz
300
MHZ
Delay Time
td
VCC=3V,VBE=-0.5V
IC=10mA, IB1=-IB2=1.0mA
35
nS
Rise Time
tr
35
nS
Storage Time
ts
VCC=3V,IC=10mA,
IB1=-IB2=1mA
225
nS
Fall Time
tf
75
nS
CLASSIFICATION OF
Rank
O
Y
Range
120-200
200-300
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
(PNP)
MMBT3906
MAKO Semiconductor Co., Limited 4008-378-873 http://www.makosemi.hk/


Similar Part No. - MMBT3906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBT3906 PHILIPS-MMBT3906 Datasheet
48Kb / 8P
PNP switching transistor
2000 Apr 11
logo
STMicroelectronics
MMBT3906 STMICROELECTRONICS-MMBT3906 Datasheet
58Kb / 4P
SMALL SIGNAL PNP TRANSISTOR
Jun-2002
logo
Transys Electronics
MMBT3906 TRSYS-MMBT3906 Datasheet
202Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Fairchild Semiconductor
MMBT3906 FAIRCHILD-MMBT3906 Datasheet
49Kb / 6P
PNP General Purpose Amplifier
More results

Similar Description - MMBT3906

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS01DTP06 STMICROELECTRONICS-STS01DTP06_06 Datasheet
306Kb / 11P
Dual NPN-PNP complementary Bipolar transistor
30-Mar-2006
logo
KODENSHI_AUK CORP.
SUT465N KODENSHI-SUT465N Datasheet
339Kb / 6P
Dual NPNPNP complementary Bipolar transistor
logo
Micro Commercial Compon...
2N6107 MCC-2N6107 Datasheet
462Kb / 3P
PNP Silicon Complementary Power Transistor
logo
Micro Electronics
8550C MICRO-ELECTRONICS-8550C Datasheet
143Kb / 1P
The 8550 is a PNP epitaxial silicon planar transistor desigend
logo
E-Tech Electronics LTD
GSB1132 ETL-GSB1132 Datasheet
261Kb / 3P
The GSB1132 is a epitaxial planar type PNP silicon transistor
logo
Diodes Incorporated
DC0150ADJ DIODES-DC0150ADJ_15 Datasheet
114Kb / 6P
COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
Rev 3
logo
Central Semiconductor C...
MPQ7053 CENTRAL-MPQ7053_15 Datasheet
414Kb / 2P
SILICON NPN/PNP COMPLEMENTARY QUAD TRANSISTOR
logo
Yea Shin Technology Co....
MMBT3946DW YEASHIN-MMBT3946DW Datasheet
1Mb / 5P
COMPLEMENTARY NPN/PNP TRANSISTOR
logo
Micro Commercial Compon...
2N6107 MCC-2N6107_13 Datasheet
563Kb / 3P
PNP Silicon Complementary Power Transistor
logo
Diodes Incorporated
DC0150ADJ DIODES-DC0150ADJ Datasheet
266Kb / 6P
COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
May 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com