Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA42 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # MMBTA42
Description  High breakdown voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

MMBTA42 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  MMBTA42 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED MMBTA42 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
FEATURES
High breakdown voltage
Low collector-emitter saturation voltage
Complementary to MMBTA92 (PNP)
Maximum Ratings (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Units
Collector-Base Voltage
VCBO
300
V
Collector-Emitter Voltage
VCEO
300
V
Emitter-Base Voltage
VEBO
5
V
Collector Current -Continuous
IC
0.3
A
Collector Power dissipation
PC
0.35
W
Thermal Resistance, junction to Ambient
RӨJA
357
/mW
Junction Temperature
TJ
150
Storage Temperature
Tstg
-55to +150
ELECTRICAL CHARACTERISTICS ( @ Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Max
Unit
Collector-base breakdown voltage
VCBO
IC= 100μA,
IE=0
300
V
Collector-emitter breakdown voltage
VCEO
IC= 1mA, IB=0
300
V
Emitter-base breakdown voltage
VEBO
IE= 100μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=200V, IE=0
0.25
μA
Emitter cut-off current
IEBO
VEB= 5V, IC=0
0.1
μA
DC current gain
hFE(1)
VCE= 10V, IC= 1mA
60
hFE(2)
VCE= 10V, IC=10mA
100
200
hFE(3)
VCE=10V, IC=30mA
60
Collector-emitter saturation voltage
VCE(sat)
IC=20mA, IB= 2mA
0.2
V
Base-emitter saturation voltage
VBE(sat)
IC= 20mA, IB=2mA
0.9
V
Transition frequency
fT
VCE= 20V, IC= 10mA,
f=30MHz
50
MHz
MMBTA42(NPN)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
MARKING: 1D
MAKO Semiconductor Co., Limited 4008-378-873 http://www.makosemi.hk/


Similar Part No. - MMBTA42

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBTA42 PHILIPS-MMBTA42 Datasheet
43Kb / 8P
NPN high-voltage transistor
2000 Apr 11
logo
STMicroelectronics
MMBTA42 STMICROELECTRONICS-MMBTA42 Datasheet
56Kb / 4P
SMALL SIGNAL NPN TRANSISTOR
Jan-2003
logo
Transys Electronics
MMBTA42 TRSYS-MMBTA42 Datasheet
137Kb / 1P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBTA42 ZOWIE-MMBTA42 Datasheet
57Kb / 3P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Fairchild Semiconductor
MMBTA42 FAIRCHILD-MMBTA42 Datasheet
657Kb / 14P
NPN High Voltage Amplifier
More results

Similar Description - MMBTA42

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
BAT46W WINNERJOIN-BAT46W Datasheet
102Kb / 2P
High Breakdown Voltage
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42 MAKOSEMI-MMBTA42 Datasheet
97Kb / 2P
High breakdown voltage
MMBTA42T1G MAKOSEMI-MMBTA42T1G Datasheet
85Kb / 2P
High breakdown voltage
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
High breakdown voltage
HDPE15U60G SEMIHOW-HDPE15U60G Datasheet
503Kb / 3P
High breakdown voltage
HDS20U30GW SEMIHOW-HDS20U30GW Datasheet
410Kb / 3P
High Breakdown Voltage
HDSE8U60G SEMIHOW-HDSE8U60G Datasheet
461Kb / 3P
High breakdown voltage
HDAE60F60G SEMIHOW-HDAE60F60G Datasheet
435Kb / 3P
High Breakdown Voltage
logo
Shanghai Leiditech Elec...
MMBTA42 LEIDITECH-MMBTA42 Datasheet
1Mb / 3P
High breakdown voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com