Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS244MS Datasheet(PDF) 10 Page - Intersil Corporation

Part # HCS244MS
Description  Radiation Hardened Octal Buffer/Line Driver, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS244MS Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HCS244MS Datasheet HTML 2Page - Intersil Corporation HCS244MS Datasheet HTML 3Page - Intersil Corporation HCS244MS Datasheet HTML 4Page - Intersil Corporation HCS244MS Datasheet HTML 5Page - Intersil Corporation HCS244MS Datasheet HTML 6Page - Intersil Corporation HCS244MS Datasheet HTML 7Page - Intersil Corporation HCS244MS Datasheet HTML 8Page - Intersil Corporation HCS244MS Datasheet HTML 9Page - Intersil Corporation HCS244MS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
321
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
HCS244MS
Die Characteristics
DIE DIMENSIONS:
108 x 106 mils
METALLIZATION:
Type: Al/Sil
Metal Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å
± 2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
µm x 100µm
4 mils x 4 mils
Metallization Mask Layout
HCS244MS
(18) Y0 1
(17) A3 2
(16) Y1 1
(15) A2 2
(14) Y2 1
(13)
(12)
A1 2
Y3 1
(11)
A0 2
(10)
GND
(9)
Y0 2
(8)
A3 1
VCC
(20)
OE 2
(19)
OE
(1)
A0 1
(2)
Y3 2
(3)
A1 1 (4)
Y2 2 (5)
A2 1 (6)
Y1 2 (7)
Spec Number
518763



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com